| 전자부품 데이터시트 검색엔진 |
|
STM32L443VCI6 데이터시트(PDF) 157 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VCI6 데이터시트(HTML) 157 Page - STMicroelectronics |
|
157 / 215 page ![]() DS11421 Rev 4 157/215 STM32L443CC STM32L443RC STM32L443VC Electrical characteristics 185 Figure 31. Typical connection diagram using the ADC 1. Refer to Table 65: ADC characteristics for the values of RAIN and CADC. 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (refer to Table 59: I/O static characteristics for the value of the pad capacitance). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC should be reduced. 3. Refer to Table 59: I/O static characteristics for the values of Ilkg. General PCB design guidelines Power supply decoupling should be performed as shown in Figure 17: Power supply scheme. The 10 nF capacitor should be ceramic (good quality) and it should be placed as close as possible to the chip. |