전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L433CBU3P 데이터시트(PDF) 225 Page - STMicroelectronics

부품명 STM32L433CBU3P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBU3P 데이터시트(HTML) 225 Page - STMicroelectronics

Back Button STM32L433CBU3P Datasheet HTML 219Page - STMicroelectronics STM32L433CBU3P Datasheet HTML 220Page - STMicroelectronics STM32L433CBU3P Datasheet HTML 221Page - STMicroelectronics STM32L433CBU3P Datasheet HTML 222Page - STMicroelectronics STM32L433CBU3P Datasheet HTML 223Page - STMicroelectronics STM32L433CBU3P Datasheet HTML 224Page - STMicroelectronics STM32L433CBU3P Datasheet HTML 225Page - STMicroelectronics STM32L433CBU3P Datasheet HTML 226Page - STMicroelectronics STM32L433CBU3P Datasheet HTML 227Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 225 / 227 page
background image
DS11449 Rev 7
225/227
STM32L433xx
Revision history
226
21-May-2018
5
Updated DAC terminology in all the document for
clarification: single DAC instance (= DAC1) with 2 output
channels.
Added ECOPACK2® information in Features.
Updated Section 3.9.1: Power supply schemes.
Added Figure 3: Power-up/down sequence.
Updated Clock-out capability in Section 3.11: Clocks
and startup.
Updated Figure 4: Clock tree.
Updated Section 3.14.1: Nested vectored interrupt
controller (NVIC).
Updated Section 6.3.2: Operating conditions at power-
up / power-down.
Updated ACoeff in Table 25: Embedded internal voltage
reference.
Updated Table 70: I/O static characteristics.
Added Section 6.3.16: Extended interrupt and event
controller input (EXTI) characteristics.
21-May-2021
6
Added patented technology disclaimer on cover page.
Completed information of cover page package
silhouettes.
Updated reference manual title in Section 1:
Introduction.
Added errata sheet reference in Section 1: Introduction.
Updated Section 3.7: Boot modes.
Updated master versus slave SPI throughput in
Section 3.28: Serial peripheral interface (SPI).
Added Note after Table 14: Legend/abbreviations used
in the pinout table.
Updated ∆VDD(MSI) max (Range 8 to 11) in Table 60:
MSI oscillator characteristics.
Added Note in Section 6.3.14: I/O port characteristics.
Added paragraph about PC13, PC14 and PC15
limitation to 3 ma in Section : Output driving current and
updated Table 71: Output voltage characteristics
accordingly.
Added Vhys min and max values in Table 85: COMP
characteristics.
Updated R value in Table 88: VBAT monitoring
characteristics.
Updated Figure 38: Quad SPI timing diagram - DDR
mode.
Added tSTARTUP in Table 101: USB electrical
characteristics.
Multiple updates through all Section 4: Pinouts and pin
description including tables and figures.
Table 117. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More