전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F427IG 데이터시트(PDF) 239 Page - STMicroelectronics

부품명 STM32F427IG
상세설명  32b Arm® Cortex®-M4 MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 com. interfaces, camera & LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IG 데이터시트(HTML) 239 Page - STMicroelectronics

Back Button STM32F427IG Datasheet HTML 232Page - STMicroelectronics STM32F427IG Datasheet HTML 233Page - STMicroelectronics STM32F427IG Datasheet HTML 234Page - STMicroelectronics STM32F427IG Datasheet HTML 235Page - STMicroelectronics STM32F427IG Datasheet HTML 236Page - STMicroelectronics STM32F427IG Datasheet HTML 237Page - STMicroelectronics STM32F427IG Datasheet HTML 238Page - STMicroelectronics STM32F427IG Datasheet HTML 239Page - STMicroelectronics STM32F427IG Datasheet HTML 240Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 239 / 240 page
background image
DS9405 Rev 12
239/240
STM32F427xx STM32F429xx
Revision history
239
24-Oct-2024
11
General datasheet update to include minor terminology updates.
Updated the datasheet cover page.
General update of the Section 7: Package information.
Updated the figure Figure 19: Memory map.
Edited the footnote in Table 41: HSI oscillator characteristics.
Updated the Table 22: Reset and power control block characteristics.
Updated the Section 6.2: Absolute maximum ratings.
Updated the Section : I/O system current consumption.
Updated the Section 3.36: True random number generator (RNG).
Updated the Figure 36: I/O AC characteristics definition.
Updated the Figure 51: Typical connection diagram when using the
ADC with FT/TT pins featuring the analog switch function.
Updated the Section : Electromagnetic Interference (EMI).
Updated the Figure 38: SPI timing diagram - slave mode and CPHA =
0, the Figure 39: SPI timing diagram - slave mode and CPHA = 1, and
the Figure 40: SPI timing diagram - master mode.
Updated the Figure 69: NAND controller waveforms for read access
and Figure 70: NAND controller waveforms for write access.
Updated the Table 14: Voltage characteristics.
05-May-2025
12
Corrected Table 57: I/O static characteristics.
Table 125. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More