전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L462CEU6TR 데이터시트(PDF) 195 Page - STMicroelectronics

부품명 STM32L462CEU6TR
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEU6TR 데이터시트(HTML) 195 Page - STMicroelectronics

Back Button STM32L462CEU6TR Datasheet HTML 190Page - STMicroelectronics STM32L462CEU6TR Datasheet HTML 191Page - STMicroelectronics STM32L462CEU6TR Datasheet HTML 192Page - STMicroelectronics STM32L462CEU6TR Datasheet HTML 193Page - STMicroelectronics STM32L462CEU6TR Datasheet HTML 194Page - STMicroelectronics STM32L462CEU6TR Datasheet HTML 195Page - STMicroelectronics STM32L462CEU6TR Datasheet HTML 196Page - STMicroelectronics STM32L462CEU6TR Datasheet HTML 197Page - STMicroelectronics STM32L462CEU6TR Datasheet HTML 198Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 195 / 198 page
background image
DocID029969 Rev 1
195/198
STM32L462CE STM32L462RE STM32L462VE
Package information
195
In this case, parts must be ordered at least with the temperature range suffix 3 (see
Section 8: Part numbering) unless we reduce the power dissipation in order to be able to
use suffix 6 parts.
Refer to Figure 57 to select the required temperature range (suffix 6 or 3) according to your
ambient temperature or power requirements.
Figure 57. LQFP64 PD max vs. TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More