| 전자부품 데이터시트 검색엔진 |
|
OPS2 데이터시트(PDF) 101 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 데이터시트(HTML) 101 Page - ABB |
|
101 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated switch-disconnectors OT1000...4000, base mounting, IEC A B 116 42 132 100 3,94 5,2 1,65 4,57 mm in *) *) N3 types *) *) *) 50 1,97 A1 232 27 1,06 9,14 55 C1 176 2,17 6,93 B1 223 42 8,79 1,65 232 9,14 153 6,02 A1 223 8,79 B1 168 6,61 176 6,93 181 7,13 C1 210 8,27 A B M00137/ OT2000_2500E01-04 D 105 4,13 M8 5/16 M8 5/16 25 13,5/0,53 25 0,98 0,98 6 0,24 40 1,57 85 3,35 376,5 14,83 20 0,79 14 15 376 206 131,5 62,5 12 0,47 22 0,87 0,55 5,18 8,12 14,81 2,46 0,59 6 0,24 *) 167 6,57 167 6,57 251...380 (OXP12x280) 9,84...14,96 168/107,5 6,61/4,23 8 0,31 8 0,31 178 7,01 min 20 min 0,79 127 5 108 4,25 54 80 70 274 10,79 2,13 2,76 3,15 OT2000/2500E_ [mm/in] 01 02 03 04 11 12 13 22 03W4 04W4 03W8 04W8 A 126/4,96 126/4,96 126/4,96 126/4,96 126/4,96 126/4,96 140/5,51 140/5,51 185/7,28 185/7,28 B 220,5/8,68 346,5/13,64 472,5/18,60 598,5/23,56 346,5/13,64 472,5/18,60 598,5/23,56 598,5/23,56 500,5/19,70 640,5/25,22 590,5/23,25 775,5/30,53 A1 180/7,09 306/12,05 432/17,01 558/21,97 306/12,05 432/17,01 558/21,97 558/21,97 460/18,11 600/23,62 550/21,65 735/28,94 B1 210/8,27 336/13,23 462/18,19 588/23,15 336/13,23 462/18,19 588/23,15 588/23,15 490/19,29 630/24,80 580/22,83 765/30,12 C1 236/9,29 362/14,25 488/19,21 614/24,17 362/14,25 488/19,21 614/24,17 614/24,17 516/20,31 656/25,83 606/23,86 791/31,14 OT2000_P and OT2500_P Main dimensions mm, inches OT2000/2500E_ [mm/in] 01 02 03 04 11 12 13 22 03W4 04W4 03W8 04W8 A 126/4,96 126/4,96 126/4,96 126/4,96 126/4,96 126/4,96 140/5,51 140/5,51 185/7,28 185/7,28 B 220,5/8,68 346,5/13,64 472,5/18,60 598,5/23,56 346,5/13,64 472,5/18,60 598,5/23,56 598,5/23,56 500,5/19,70 640,5/25,22 590,5/23,25 775,5/30,53 A1 180/7,09 306/12,05 432/17,01 558/21,97 306/12,05 432/17,01 558/21,97 558/21,97 460/18,11 600/23,62 550/21,65 735/28,94 B1 210/8,27 336/13,23 462/18,19 588/23,15 336/13,23 462/18,19 588/23,15 588/23,15 490/19,29 630/24,80 580/22,83 765/30,12 C1 236/9,29 362/14,25 488/19,21 614/24,17 362/14,25 488/19,21 614/24,17 614/24,17 516/20,31 656/25,83 606/23,86 791/31,14 M00137/ OT2000_2500E01-04 D ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 101 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 101 |