| 전자부품 데이터시트 검색엔진 |
|
OPS2 데이터시트(PDF) 119 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 데이터시트(HTML) 119 Page - ABB |
|
119 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings 44,9 1.77 13,5 0.53 6 0.24 65 2.56 60 2.36 80 3.15 65 2.56 39 1.54 180 7.09 38,7 1.52 63,5 2.50 18 0.71 9 0.35 175,2 6.90 144 5.67 3-pole: 269,5 / 10.61 4-pole: 334,5 / 13.17 3-pole: 322,2 / 12.69 4-pole: 387,2 / 15.24 110 4.33 509 20.04 174,5 6.87 112,5 4.43 153,9 6.06 mm in M5 44,9 1.77 13,5 0.53 6 0.24 65 2.56 60 2.36 80 3.15 65 2.56 39 1.54 180 7.09 38,7 1.52 63,5 2.50 18 0.71 9 0.35 175,2 6.90 144 5.67 3-pole: 269,5 / 10.61 4-pole: 334,5 / 13.17 3-pole: 322,2 / 12.69 4-pole: 387,2 / 15.24 110 4.33 509 20.04 174,5 6.87 112,5 4.43 153,9 6.06 mm in M5 OT600US Without handle 44,9 1.77 13,5 0.53 6 0.24 168,8 6.65 65 2.56 60 2.36 80 3.15 65 2.56 39 1.54 180 7.09 38,7 1.52 63,5 2.50 18 0.71 9 0.35 175,2 6.90 144 5.67 3-pole: 269,5 / 10.61 4-pole: 334,5 / 13.17 110 4.33 509 20.04 206,1 8.11 174,5 6.87 112,5 4.43 3-pole: 341,2 / 13.43 4-pole: 406,2 / 15.99 mm in M5 44,9 1.77 13,5 0.53 6 0.24 168,8 6.65 65 2.56 60 2.36 80 3.15 65 2.56 39 1.54 180 7.09 38,7 1.52 63,5 2.50 18 0.71 9 0.35 175,2 6.90 144 5.67 3-pole: 269,5 / 10.61 4-pole: 334,5 / 13.17 110 4.33 509 20.04 206,1 8.11 174,5 6.87 112,5 4.43 3-pole: 341,2 / 13.43 4-pole: 406,2 / 15.99 mm in M5 OT600US With direct mount handle Main dimensions mm, inches ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 119 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 119 |