전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFDCAC 데이터시트(PDF) 105 Page - Renesas Technology Corp

부품명 R7KA8M2AFDCAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC 데이터시트(HTML) 105 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 101Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 102Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 103Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 104Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 105Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 106Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 107Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 108Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 295 page
background image
Table 2.44
Thermal Resistance
Parameter
Package
Symbol
Value*1
Unit
Test conditions
Thermal Resistance
176-pin HLQFP (PLQP0176K?-A)
θja
15
°C/W
JESD 51-2 and 51-7
compliant
224-pin BGA (PLBG0224J?-A)
21
JESD 51-2 and 51-9
compliant
289-pin BGA (PLBG0289J?-A)
20
303-pin BGA (PLBG0303G?-A)
17
176-pin HLQFP (PLQP0176K?-A)
Ψjt
0.3
°C/W
JESD 51-2 and 51-7
compliant
224-pin BGA (PLBG0224J?-A)
0.3
JESD 51-2 and 51-9
compliant
289-pin BGA (PLBG0289J?-A)
0.3
303-pin BGA (PLBG0303G?-A)
0.5
Note 1. The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of the
board. For details, see the JEDEC standards.
2.2.8.1
Calculation Guide of Maximum Current
Table 2.45
Power consumption of each unit (DCDC mode) (1 of 3)
Dynamic
current/
Leakage
current
MCU Domain
Category
Item
Symbol
Frequency
[MHz]
Current
[µA/MHz]
Current
[mA]
Condition
Leakage
current
Analog
Regulator and
Leak*1
Tj = 95°C
ICC
—
—
2.51
—
Tj = 105°C
—
—
2.91
Tj = 115°C
—
—
3.45
Tj = 125°C
—
—
4.15
Tj = 95°C
ICC_DCDC
—
—
186
VCC_DCDC =
3.3 V,
VSCR_1,
PDCTRESWM
.PDDE = 0
Tj = 105°C
—
—
216
Tj = 115°C
—
—
243
Tj = 125°C
—
—
277
Tj = 95°C
—
—
363
VCC_DCDC =
1.8 V,
VSCR_1,
PDCTRESWM
.PDDE = 0
Tj = 105°C
—
—
421
Tj = 115°C
—
—
474
Tj = 125°C
—
—
540
Tj = 95°C
IDD
—
—
477
VSCR_1,
PDCTRESWM
.PDDE = 0
Tj = 105°C
—
—
553
Tj = 115°C
—
—
622
Tj = 125°C
—
—
709
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 105 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com