전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFDCAC 데이터시트(PDF) 225 Page - Renesas Technology Corp

부품명 R7KA8M2AFDCAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC 데이터시트(HTML) 225 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 221Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 222Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 223Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 224Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 225Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 226Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 227Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 228Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 295 page
background image
USB_DP, USB_DM
tHSF
tHSR
90%
10%
10%
90%
Figure 2.133
USB_DP and USB_DM output timing (high-speed)
Observation
point
USB_DP
USB_DM
45 Ω
45 Ω
Figure 2.134
Test circuit (high-speed)
Table 2.90
USBHS high-speed characteristics (USB_DP and USB_DM pin characteristics)
Conditions: USBHS_RREF = 2.2 kΩ ± 1%, USBMCLK = 12/20/24/48 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Battery Charging
Specification
D+ sink current
IDP_SINK
25
—
175
µA
—
D- sink current
IDM_SINK
25
—
175
µA
—
DCD source current
IDP_SRC
7
—
13
µA
—
Data detection voltage
VDAT_REF
0.25
—
0.4
V
—
D+ source voltage
VDP_SRC
0.5
—
0.7
V
Output current = 250 µA
D- source voltage
VDM_SRC
0.5
—
0.7
V
Output current = 250 µA
2.5
ADC Characteristics
Table 2.91
A/D conversion characteristics (common) (1 of 3)
Conditions: AVCC: 2.7 to 3.63 V, VCC: 2.7 to 3.63 V, VREFH0/VREFH: 2.7 V to AVCC
Parameter
Min
Typ
Max
Unit
Test conditions
A/D conversion clock frequency (ADCLK)
25
50
60
MHz AVCC: 2.7 to 3.63 V
VCC: 2.7 to 3.63 V
VREFH0/VREFH: 2.7
V to AVCC
Successive approximation time
100
—
200
ns
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 225 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com