전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFDCAC 데이터시트(PDF) 256 Page - Renesas Technology Corp

부품명 R7KA8M2AFDCAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC 데이터시트(HTML) 256 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 252Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 253Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 254Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 255Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 256Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 257Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 258Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 259Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 295 page
background image
Table 2.104
A/D internal reference voltage characteristics (2 of 2)
Parameter
Min
Typ
Max
Unit
Test conditions
Sampling time
4.15
—
—
µs
—
Table 2.105
A/D conversion characteristics of D/A output
Parameter
Min
Typ
Max
Unit
Test conditions
Sampling time
1
—
—
µs
—
2.6
DAC12 Characteristics
Table 2.106
D/A conversion characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Resolution
—
—
—
12
Bits
—
INL
VREFH ≥ 2.7V
—
—
±2.0
±4.0
LSB
—
VREFH < 2.7V
—
—
±4.0
±8.0
DNL
VREFH ≥ 2.7V
—
—
±0.5
±1.0
LSB
—
VREFH < 2.7V
—
—
±1.0
±2.0
Conversion time
VREFH ≥ 2.7V
tDCONV1,
tDCONV2
—
—
3.5
µs
—
VREFH < 2.7V
—
—
6
Output destination
switching time
VREFH ≥ 2.7V
tDSLPUP1,
tDSLPUP2
—
—
3.5
µs
—
VREFH < 2.7V
—
—
6
Buffer preparation time
VREFH ≥ 2.7V
tDISOUT
—
—
3.5
µs
—
VREFH < 2.7V
—
—
6
Setup time
tSU
—
—
4
ns
—
Resistive load
—
5
—
—
kΩ
—
Capacitive load
—
—
—
50
pF
—
Output voltage range
VREFH ≥ 2.7V
—
0.20
—
VREFH – 0.20
V
—
VREFH < 2.7V
—
0.34
—
VREFH – 0.34
2.7
TSN Characteristics
Table 2.107
TSN characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Relative accuracy
—
-1.0
—
1.0
°C
A/D converter error is
not included.
Temperature slope
—
—
2.7
—
mV/°C
—
Output voltage (at 25 °C)
—
—
0.83
—
V
—
Temperature sensor
stabilization time
tTSTBL
—
—
30
µs
—
Comparator stabilization time
tRSTBL
—
—
30
µs
—
Sampling time
—
4.15
—
—
µs
—
2.8
OSC Stop Detect Characteristics
Table 2.108
Oscillation stop detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
—
—
1
ms
Figure 2.136
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 256 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com