전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFDCAC 데이터시트(PDF) 261 Page - Renesas Technology Corp

부품명 R7KA8M2AFDCAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC 데이터시트(HTML) 261 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 257Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 258Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 259Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 260Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 261Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 295 page
background image
VCC
External VDD
tRESWP
RES
VPOR1 (max)
VDD min
tEXTVRH
Figure 2.142
Power-up sequence of external VDD mode with using RES pin
VCC
External VDD
0.6 V
VDD min
tEXTVDD
Figure 2.143
Power-up sequence of external VDD mode without using RES pin
2.11
Core Voltage Monitor Reset Characteristics
Table 2.112
Core voltage monitor reset characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Voltage
detection
level
Core voltage monitor reset
(CVMR)
Vdet_VDDH
1.05
1.10
1.15
V
Figure 2.144
Vdet_VDDL
0.55
0.58
0.61
Internal reset
time
Core voltage
monitor reset
time
DCDC mode
tCVM
—
—
0.18
ms
External VDD
mode
—
—
2.6
Minimum VDD down /up time (CVMR)
tCVMOFF
45
—
—
µs
Response delay time (CVMR)
tCVMdet
—
—
45
µs
Hysteresis width (CVMR)
VCVMH
—
0.225
—
V
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 261 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com