전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2AFDCAC 데이터시트(PDF) 270 Page - Renesas Technology Corp

부품명 R7KA8M2AFDCAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC 데이터시트(HTML) 270 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 268Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 269Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 270Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 271Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 272Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 273Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 295 page
background image
Table 2.123
Boundary scan characteristics (2 of 2)
Parameter
VCC
Symbol
Min
Typ
Max
Unit
Test conditions
Capture register setup time
1.62 V or
above
tCAPTS
20
—
—
ns
Figure 2.151
Capture register hold time
1.62 V or
above
tCAPTH
20
—
—
ns
Update register delay time
1.62 V or
above
tUPDATED
—
—
40
ns
Boundary scan circuit startup
time*1
1.62 V or
above
TBSSTUP
tRESWP
—
—
—
Figure 2.152
Note 1. Boundary scan does not function until the power-on reset becomes negative.
Note 2. 1 µs at the longest
tTCKcyc
tTCKH
tTCKf
tTCKL
tTCKr
TCK
Figure 2.149
Boundary scan TCK timing
tTMSS
tTMSH
tTDIS
tTDIH
tTDOD
TCK
TMS
TDI
TDO
Figure 2.150
Boundary scan input/output timing (1)
TCK
Capture
register
Update
register
tCAPTS
tCAPTH
tUPDATED
Figure 2.151
Boundary scan input/output timing (2)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 270 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com