| 전자부품 데이터시트 검색엔진 |
|
R5F526TBAGFM 데이터시트(PDF) 136 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TBAGFM 데이터시트(HTML) 136 Page - Renesas Technology Corp |
|
136 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 136 of 142 Oct 31, 2024 RX26T Group Appendix 1. Package Dimensions Figure D 64-Pin HWQFN (PWQN0064KF-A) INDEX AREA (D/2 X E/2) D SEATING PLANE ccc C bbb C A B ddd C e NX b E2 D2 NX L NX K C aaa C B 2X aaa C (A3) A1 A eee C fff C A B fff C A B A EXPOSED DIE PAD 1 N E 2X NX 1 N 2 N-1 2 N-1 Reference Symbol Dimension in Millimeters Min. Nom. Max. A 0.80 A1 0.00 0.02 0.05 A3 0.203 REF. b 0.180.250.30 D 9.00 BSC E 9.00 BSC e 0.50 BSC N64 L 0.350.400.45 K0.20 D2 5.95 6.00 6.05 E2 5.95 6.00 6.05 aaa 0.15 bbb 0.10 ccc 0.10 ddd 0.05 eee 0.08 fff 0.10 JEITA Package code RENESAS code MASS(TYP.)[g] P-HWQFN064-9x9-0.50 PWQN0064KF-A 0.17 |