전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KB846 데이터시트(PDF) 3 Page - Kingbright Corporation

부품명 KB846
상세설명  PHOTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB846 데이터시트(HTML) 3 Page - Kingbright Corporation

  KB846 Datasheet HTML 1Page - Kingbright Corporation KB846 Datasheet HTML 2Page - Kingbright Corporation KB846 Datasheet HTML 3Page - Kingbright Corporation KB846 Datasheet HTML 4Page - Kingbright Corporation KB846 Datasheet HTML 5Page - Kingbright Corporation KB846 Datasheet HTML 6Page - Kingbright Corporation KB846 Datasheet HTML 7Page - Kingbright Corporation KB846 Datasheet HTML 8Page - Kingbright Corporation KB846 Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPEC NO: DSAD1548
REV NO: V.5
DATE: NOV/21/2005
PAGE: 3 OF 9
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000026
PHOTOCOUPLER
P/N: KB846
****Electro-optical Characteristics (Ta=25
°°°°CCCC))))
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
I F=20mA
___
1.2
1.4
V
Peak forward voltage
VFM
I FM=0.5A
___
___
3.0
V
Reverse current
IR
VR=4V
___
___
10
µA
Output
Collector dark current
ICEO
VCE =20V,I F=0mA
___
___
10-7
nA
Transfer
charact-
eristics
*1Current transfer ratio
CTR
I F=5mA,VCE=5V
50
___
600
%
Collector-emitter saturation voltage
VCE(sat)
I F=20mA, I C=1mA
___
0.1
0.2
V
C ut-o ff fre q ue nc y
fc
VCE=5V, IC=2mA
RL=100
Ω,-3dB
___
80
___
KHz
Response time
Rise time
tr
VCE=2V, IC=2mA
RL=100
___
4
18
µs
Fall time
tf
___
3
18
µs
A
Model NO.
Rank mark
CTR(%)
KB846L
L
50 to 100
KB846A
A
80 to 160
KB846B
B
130 to 260
KB846C
C
200 to 400
KB846D
D
300 to 600
KB846AB
A or B
80 to 260
KB846BC
B or C
130 to 400
KB846CD
C or D
200 to 600
KB846AC
A,B or C
80 to 400
KB846BD
B,C or D
130 to 600
KB846AD
A,B,C or D
80 to 600
KB846
L,A,B,C,D or No mark
50 to 600
Classification table of current transfer ratio is shown below.
X 100%
CTR=
Ic
F
I


유사한 부품 번호 - KB846

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
KB844 KINGBRIGHT-KB844 Datasheet
158Kb / 8P
PHOTOCOUPLER
KB8441 KINGBRIGHT-KB8441 Datasheet
178Kb / 9P
PHOTOCOUPLER
KB844A KINGBRIGHT-KB844A Datasheet
158Kb / 8P
PHOTOCOUPLER
KB844AB KINGBRIGHT-KB844AB Datasheet
158Kb / 8P
PHOTOCOUPLER
KB844B KINGBRIGHT-KB844B Datasheet
158Kb / 8P
PHOTOCOUPLER
More results

유사한 설명 - KB846

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
Photocoupler
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA211 LETEX-LA211 Datasheet
195Kb / 4P
Photocoupler
LA313 LETEX-LA313 Datasheet
211Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com