전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSD813F1V 데이터시트(PDF) 112 Page - STMicroelectronics

부품명 PSD813F1V
상세설명  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V 데이터시트(HTML) 112 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 108Page - STMicroelectronics PSD813F1V Datasheet HTML 109Page - STMicroelectronics PSD813F1V Datasheet HTML 110Page - STMicroelectronics PSD813F1V Datasheet HTML 111Page - STMicroelectronics PSD813F1V Datasheet HTML 112Page - STMicroelectronics PSD813F1V Datasheet HTML 113Page - STMicroelectronics PSD813F1V Datasheet HTML 114Page - STMicroelectronics PSD813F1V Datasheet HTML 115Page - STMicroelectronics PSD813F1V Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 120 page
background image
PSD813F1-A
Preliminary
108
PSD813F1-A
Pin
Assignments
Pin No.
Pin Assignments
Pin No.
Pin Assignments
1
GND
27
PA2
2
PB5
28
PA1
3
PB4
29
PA0
4
PB3
30
AD0
5
PB2
31
AD1
6
PB1
32
AD2
7
PB0
33
AD3
8
PD2
34
AD4
9
PD1
35
AD5
10
PD0
36
AD6
11
PC7
37
AD7
12
PC6
38
VCC
13
PC5
39
AD8
14
PC4
40
AD9
15
VCC
41
AD10
16
GND
42
AD11
17
PC3
43
AD12
18
PC2 (VSTBY)
44
AD13
19
PC1
45
AD14
20
PC0
46
AD15
21
PA7
47
CNTL0
22
PA6
48
RESET
23
PA5
49
CNTL2
24
PA4
50
CNTL1
25
PA3
51
PB7
26
GND
52
PB6
52-Pin Plastic Leaded Chip Carrier (PLDCC) (Package Type J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More