| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 460 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 460 Page - Nordic Semiconductor |
|
460 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A W RR Reload request register Reload 0x6E524635 Value to request a reload of the watchdog timer 6.26.4.14 RR[6] Address offset: 0x618 Reload request 6 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A W RR Reload request register Reload 0x6E524635 Value to request a reload of the watchdog timer 6.26.4.15 RR[7] Address offset: 0x61C Reload request 7 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A W RR Reload request register Reload 0x6E524635 Value to request a reload of the watchdog timer 6.26.5 Electrical specification 6.26.5.1 Watchdog Timer Electrical Specification Symbol Description Min. Typ. Max. Units tWDT Time out interval 458 µs 36 h 4430_161 v1.0 460 |