전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF52810-QFAA-R 데이터시트(PDF) 480 Page - Nordic Semiconductor

부품명 NRF52810-QFAA-R
상세설명  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R 데이터시트(HTML) 480 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 475Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 476Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 477Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 478Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 479Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 480Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 481Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 482Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 483Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 480 / 483 page
background image
Ordering information
Abbrevitation
Definition and implemented codes
N52/nRF52
nRF52 Series product
810
Part code
<PP>
Package variant code
<VV>
Function variant code
<H><P><F>
Build code
H - Hardware version code
P - Production configuration code (production site, etc.)
F - Firmware version code (only visible on shipping container label)
<YY><WW><LL>
Tracking code
YY - Year code
WW - Assembly week number
LL - Wafer lot code
<CC>
Container code
Table 109: Abbreviations
10.4 Code ranges and values
Defined here are the nRF52810 code ranges and values.
<PP>
Package
Size (mm)
Pin/Ball count
Pitch (mm)
QF
QFN
6 x 6
48
0.4
QC
QFN
5 x 5
32
0.5
Table 110: Package variant codes
<VV>
Flash (kB)
RAM (kB)
AA
192
24
Table 111: Function variant codes
<H>
Description
[A . . Z]
Hardware version/revision identifier (incremental)
Table 112: Hardware version codes
4430_161 v1.0
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More