| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 105 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 105 Page - Nordic Semiconductor |
|
105 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description a RW REGION26 Enable protection for region 26. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled b RW REGION27 Enable protection for region 27. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled c RW REGION28 Enable protection for region 28. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled d RW REGION29 Enable protection for region 29. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled e RW REGION30 Enable protection for region 30. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled f RW REGION31 Enable protection for region 31. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled 6.3.1.2 CONFIG1 Address offset: 0x604 Block protect configuration register 1 Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW REGION32 Enable protection for region 32. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled B RW REGION33 Enable protection for region 33. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled C RW REGION34 Enable protection for region 34. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled D RW REGION35 Enable protection for region 35. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled E RW REGION36 Enable protection for region 36. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled F RW REGION37 Enable protection for region 37. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled G RW REGION38 Enable protection for region 38. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled 4430_161 v1.0 105 |