| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 114 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 114 Page - Nordic Semiconductor |
|
114 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW ENDKSGEN Write '1' to Disable interrupt for ENDKSGEN event See EVENTS_ENDKSGEN Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDCRYPT Write '1' to Disable interrupt for ENDCRYPT event See EVENTS_ENDCRYPT Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW ERROR Write '1' to Disable interrupt for ERROR event See EVENTS_ERROR Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.4.9.4 MICSTATUS Address offset: 0x400 MIC check result Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A R MICSTATUS The result of the MIC check performed during the previous decryption operation CheckFailed 0 MIC check failed CheckPassed 1 MIC check passed 6.4.9.5 ENABLE Address offset: 0x500 Enable Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW ENABLE Enable or disable CCM Disabled 0 Disable Enabled 2 Enable 6.4.9.6 MODE Address offset: 0x504 Operation mode 4430_161 v1.0 114 |