| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 123 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 123 Page - Nordic Semiconductor |
|
123 / 483 page ![]() Peripherals 6.5.3.2 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW READY Enable or disable interrupt for READY event See EVENTS_READY Disabled 0 Disable Enabled 1 Enable B RW DOWN Enable or disable interrupt for DOWN event See EVENTS_DOWN Disabled 0 Disable Enabled 1 Enable C RW UP Enable or disable interrupt for UP event See EVENTS_UP Disabled 0 Disable Enabled 1 Enable D RW CROSS Enable or disable interrupt for CROSS event See EVENTS_CROSS Disabled 0 Disable Enabled 1 Enable 6.5.3.3 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW READY Write '1' to Enable interrupt for READY event See EVENTS_READY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW DOWN Write '1' to Enable interrupt for DOWN event See EVENTS_DOWN Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW UP Write '1' to Enable interrupt for UP event See EVENTS_UP Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4430_161 v1.0 123 |