| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 141 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 141 Page - Nordic Semiconductor |
|
141 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description High 1 Pin driver is high B RW PIN1 Pin 1 Low 0 Pin driver is low High 1 Pin driver is high C RW PIN2 Pin 2 Low 0 Pin driver is low High 1 Pin driver is high D RW PIN3 Pin 3 Low 0 Pin driver is low High 1 Pin driver is high E RW PIN4 Pin 4 Low 0 Pin driver is low High 1 Pin driver is high F RW PIN5 Pin 5 Low 0 Pin driver is low High 1 Pin driver is high G RW PIN6 Pin 6 Low 0 Pin driver is low High 1 Pin driver is high H RW PIN7 Pin 7 Low 0 Pin driver is low High 1 Pin driver is high I RW PIN8 Pin 8 Low 0 Pin driver is low High 1 Pin driver is high J RW PIN9 Pin 9 Low 0 Pin driver is low High 1 Pin driver is high K RW PIN10 Pin 10 Low 0 Pin driver is low High 1 Pin driver is high L RW PIN11 Pin 11 Low 0 Pin driver is low High 1 Pin driver is high M RW PIN12 Pin 12 Low 0 Pin driver is low High 1 Pin driver is high N RW PIN13 Pin 13 Low 0 Pin driver is low High 1 Pin driver is high O RW PIN14 Pin 14 Low 0 Pin driver is low High 1 Pin driver is high P RW PIN15 Pin 15 Low 0 Pin driver is low High 1 Pin driver is high Q RW PIN16 Pin 16 Low 0 Pin driver is low High 1 Pin driver is high R RW PIN17 Pin 17 4430_161 v1.0 141 |