| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 193 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 193 Page - Nordic Semiconductor |
|
193 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description B RW IN1 Write '1' to Disable interrupt for IN[1] event See EVENTS_IN[1] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW IN2 Write '1' to Disable interrupt for IN[2] event See EVENTS_IN[2] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW IN3 Write '1' to Disable interrupt for IN[3] event See EVENTS_IN[3] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW IN4 Write '1' to Disable interrupt for IN[4] event See EVENTS_IN[4] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW IN5 Write '1' to Disable interrupt for IN[5] event See EVENTS_IN[5] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW IN6 Write '1' to Disable interrupt for IN[6] event See EVENTS_IN[6] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW IN7 Write '1' to Disable interrupt for IN[7] event See EVENTS_IN[7] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW PORT Write '1' to Disable interrupt for PORT event See EVENTS_PORT Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.9.4.3 CONFIG[0] Address offset: 0x510 Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event 4430_161 v1.0 193 |