| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 278 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 278 Page - Nordic Semiconductor |
|
278 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW REPORTRDY_READCLRACC Shortcut between REPORTRDY event and READCLRACC task See EVENTS_REPORTRDY and TASKS_READCLRACC Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW SAMPLERDY_STOP Shortcut between SAMPLERDY event and STOP task See EVENTS_SAMPLERDY and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW REPORTRDY_RDCLRACC Shortcut between REPORTRDY event and RDCLRACC task See EVENTS_REPORTRDY and TASKS_RDCLRACC Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW REPORTRDY_STOP Shortcut between REPORTRDY event and STOP task See EVENTS_REPORTRDY and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut E RW DBLRDY_RDCLRDBL Shortcut between DBLRDY event and RDCLRDBL task See EVENTS_DBLRDY and TASKS_RDCLRDBL Disabled 0 Disable shortcut Enabled 1 Enable shortcut F RW DBLRDY_STOP Shortcut between DBLRDY event and STOP task See EVENTS_DBLRDY and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut G RW SAMPLERDY_READCLRACC Shortcut between SAMPLERDY event and READCLRACC task See EVENTS_SAMPLERDY and TASKS_READCLRACC Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.13.7.2 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW SAMPLERDY Write '1' to Enable interrupt for SAMPLERDY event See EVENTS_SAMPLERDY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW REPORTRDY Write '1' to Enable interrupt for REPORTRDY event See EVENTS_REPORTRDY Set 1 Enable 4430_161 v1.0 278 |