| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 349 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 349 Page - Nordic Semiconductor |
|
349 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Enabled 1 Read: Enabled T RW CH6LIMITL Write '1' to Enable interrupt for CH[6].LIMITL event See EVENTS_CH[6].LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled U RW CH7LIMITH Write '1' to Enable interrupt for CH[7].LIMITH event See EVENTS_CH[7].LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled V RW CH7LIMITL Write '1' to Enable interrupt for CH[7].LIMITL event See EVENTS_CH[7].LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.17.11.3 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW STARTED Write '1' to Disable interrupt for STARTED event See EVENTS_STARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW END Write '1' to Disable interrupt for END event See EVENTS_END Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW DONE Write '1' to Disable interrupt for DONE event See EVENTS_DONE Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW RESULTDONE Write '1' to Disable interrupt for RESULTDONE event See EVENTS_RESULTDONE Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4430_161 v1.0 349 |