전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST20C2 데이터시트(PDF) 118 Page - STMicroelectronics

부품명 ST20C2
상세설명  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 데이터시트(HTML) 118 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 114Page - STMicroelectronics ST20C2 Datasheet HTML 115Page - STMicroelectronics ST20C2 Datasheet HTML 116Page - STMicroelectronics ST20C2 Datasheet HTML 117Page - STMicroelectronics ST20C2 Datasheet HTML 118Page - STMicroelectronics ST20C2 Datasheet HTML 119Page - STMicroelectronics ST20C2 Datasheet HTML 120Page - STMicroelectronics ST20C2 Datasheet HTML 121Page - STMicroelectronics ST20C2 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 212 page
background image
lend
®
118/212
lend
loop end
Code: 22 F1
Description: Adjust loop count and index, and do a conditional jump. Initially Areg
contains the byte offset from the first byte following this instruction to the loop start and
Breg contains a pointer to a loop end data structure, the first word of which is the loop
index and the second is the loop count. The count is decremented and, if the result is
greater than zero, the index is incremented and a jump to the start of the loop is taken.
The offset to the start of the loop is given as a positive number that is subtracted from
the instruction pointer.
Definition:
if (word[Breg @ le.Count]
> 1)
{
word
′[Breg @ le.Count] ← word[Breg @ le.Count] − 1
word
′[Breg @ le.Index] ← word[Breg @ le.Index] + 1
Iptr
′← next instruction − Areg
}
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondar y instruction.
Instruction is a descheduling point.
Instruction is a timeslice point.
See also:
cj j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More