전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST20C2 데이터시트(PDF) 137 Page - STMicroelectronics

부품명 ST20C2
상세설명  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 데이터시트(HTML) 137 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 133Page - STMicroelectronics ST20C2 Datasheet HTML 134Page - STMicroelectronics ST20C2 Datasheet HTML 135Page - STMicroelectronics ST20C2 Datasheet HTML 136Page - STMicroelectronics ST20C2 Datasheet HTML 137Page - STMicroelectronics ST20C2 Datasheet HTML 138Page - STMicroelectronics ST20C2 Datasheet HTML 139Page - STMicroelectronics ST20C2 Datasheet HTML 140Page - STMicroelectronics ST20C2 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 212 page
background image
out
137/212
®
out
output message
Code: FB
Description: Output a message (where the corresponding input is performed by an
in instruction, and must specify a message of the same length). Areg is the unsigned
length, Breg is a pointer to the channel, and Creg is a pointer to the message. The
process executing
out will be descheduled if the channel is external or is not ready; it
is rescheduled when the communication is complete. This instruction is also used to
synchronize with an alternative.
Definition:
Synchronize, and output Aregunsigned bytes to channel Breg from address
Creg
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: Can cause
InternalChannel or ExternalChannel trap to be signalled (if
enabled) when the process is rescheduled on synchronization.
Comments:
Secondary instruction.
See also:
altwt enbc in outbyte outword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More