전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72324J2 데이터시트(PDF) 160 Page - STMicroelectronics

부품명 ST72324J2
상세설명  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324J2 데이터시트(HTML) 160 Page - STMicroelectronics

Back Button ST72324J2 Datasheet HTML 153Page - STMicroelectronics ST72324J2 Datasheet HTML 154Page - STMicroelectronics ST72324J2 Datasheet HTML 155Page - STMicroelectronics ST72324J2 Datasheet HTML 156Page - STMicroelectronics ST72324J2 Datasheet HTML 157Page - STMicroelectronics ST72324J2 Datasheet HTML 158Page - STMicroelectronics ST72324J2 Datasheet HTML 159Page - STMicroelectronics ST72324J2 Datasheet HTML 160Page - STMicroelectronics ST72324J2 Datasheet HTML 161Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 160 / 161 page
background image
ST72324
160/161
16 SUMMARY OF CHANGES
Revision
Main Changes
Date
1.7
Modified “ACTIVE-HALT AND HALT MODES” on page 42: wakeup from active halt by reset
or MCC/RTC interrupt only
Changed references to planned low voltage version to refer to flash only
Reset pin IINJMAX for changed to 2 mA in Section 12.9.1 and Section 12.2
Updated ordering information Section 18.2 on page 230
Updated EMI data in “EMC CHARACTERISTICS” on page 130
Added “IMPORTANT NOTES” on page 157
Mar 03
1.8
Updated Errata sheet
July 03
1.9
Changed document name from ST72324J/K to ST72324
Removed External RC option from Section 6.2 on page 24 and throughout document
Added Caution ‘CSS function is not guaranteed’ to Section 6.4 on page 27 and Section 14.1
on page 149
Removed restrictions on PWM mode in 16-bit timer A. Added notes on Timer A IC2 and OC2
registers and interrupts in Table 2. and throughout Section 10.3
Modified description of internal RC oscillator in Section 6.2.
Added note to “MULTI-OSCILLATOR (MO)” on page 24 External clock source not support-
ed if PLL is enabled
Added Caution about disconnecting OSC pins in Section 6.2 on page 24
Moved LVD startup behaviour diagram from Section 12.3.3 on page 117 to Section 15
Modified notes in table of Murata resonators in Section 12.5.3
Modified description of VAREF/VSSA pins in Section 12.12.1 on page 143
Added phrase “can be reprogrammed” in Section 4.3.1 on page 17 and Section 14.1 on
page 149
Added heading “Related Documentation” on page 19
Updated “EMC CHARACTERISTICS” on page 130
Added FASTROM information to Section 14 on page 149
Added note under VD option bit table in Section 14.1 on page 149
Updated option list in Section 14.2 on page 151
Removed Errata sheet and put information in “IMPORTANT NOTES” on page 157
Please read carefully the “IMPORTANT NOTES” on page 157
August 03
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More