| 전자부품 데이터시트 검색엔진 |
|
ST72621L4 데이터시트(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72621L4 데이터시트(HTML) 101 Page - STMicroelectronics |
|
101 / 132 page ![]() ST7262 101/132 OPERATING CONDITIONS (Cont’d) Figure 55. fCPU Versus VDD for low voltage devices 12.3.2 Operating Conditions with Low Voltage Detector (LVD) Subject to general operating conditions for VDD, fCPU, and TA. Refer to Figure 15 on page 21. Notes: 1. Not tested, guaranteed by design. 2. Not tested in production, guaranteed by characterization. 3. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset. Not tested in production. fCPU [MHz] SUPPLY VOLTAGE [V] 8 4 2 0 2.5 3.0 3.5 4 4.5 5 5.5 FUNCTIONALITY NOT GUARANTEED IN THIS AREA FUNCTIONALITY GUARANTEED IN THIS AREA (UNLESS OTHERWISE SPECIFIED IN THE TABLES OF PARAMETRIC DATA) Symbol Parameter Conditions Min Typ 1) Max Unit VIT+ Low Voltage Reset Threshold (VDD rising) VDD Max. Variation 50V/ms 3.6 3.8 3.95 V VIT- Low Voltage Reset Threshold (VDD falling) VDD Max. Variation 50V/ms 3.45 3.65 3.8 V Vhyst Hysteresis (VIT+ - VIT-) 120 2) 150 2) 180 2) mV VtPOR VDD rise time rate 3) 0.5 50 V/ms |