| 전자부품 데이터시트 검색엔진 |
|
ST72F262G2M6 데이터시트(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F262G2M6 데이터시트(HTML) 109 Page - STMicroelectronics |
|
109 / 171 page ![]() ST72260G, ST72262G, ST72264G 109/171 I2C BUS INTERFACE (Cont’d) I2C CLOCK CONTROL REGISTER (CCR) Read / Write Reset Value: 0000 0000 (00h) Bit 7 = FM/SM Fast/Standard I2C mode. This bit is set and cleared by software. It is not cleared when the interface is disabled (PE=0). 0: Standard I2C mode 1: Fast I2C mode Bit 6:0 = CC[6:0] 7-bit clock divider. These bits select the speed of the bus (FSCL) de- pending on the I2C mode. They are not cleared when the interface is disabled (PE=0). – Standard mode (FM/SM=0): FSCL <= 100kHz FSCL = FCPU/(2x([CC6..CC0]+2)) – Fast mode (FM/SM=1): FSCL > 100kHz FSCL = FCPU/(3x([CC6..CC0]+2)) Note: The programmed FSCL assumes no load on SCL and SDA lines. I2C DATA REGISTER (DR) Read / Write Reset Value: 0000 0000 (00h) Bit 7:0 = D[7:0] 8-bit Data Register. These bits contain the byte to be received or trans- mitted on the bus. – Transmitter mode: Byte transmission start auto- matically when the software writes in the DR reg- ister. – Receiver mode: the first data byte is received au- tomatically in the DR register using the least sig- nificant bit of the address. Then, the following data bytes are received one by one after reading the DR register. 70 FM/SM CC6 CC5 CC4 CC3 CC2 CC1 CC0 70 D7 D6 D5 D4 D3 D2 D1 D0 |