전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72F521AR9TC 데이터시트(PDF) 150 Page - STMicroelectronics

부품명 ST72F521AR9TC
상세설명  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521AR9TC 데이터시트(HTML) 150 Page - STMicroelectronics

Back Button ST72F521AR9TC Datasheet HTML 146Page - STMicroelectronics ST72F521AR9TC Datasheet HTML 147Page - STMicroelectronics ST72F521AR9TC Datasheet HTML 148Page - STMicroelectronics ST72F521AR9TC Datasheet HTML 149Page - STMicroelectronics ST72F521AR9TC Datasheet HTML 150Page - STMicroelectronics ST72F521AR9TC Datasheet HTML 151Page - STMicroelectronics ST72F521AR9TC Datasheet HTML 152Page - STMicroelectronics ST72F521AR9TC Datasheet HTML 153Page - STMicroelectronics ST72F521AR9TC Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 211 page
background image
ST72521
150/211
CONTROLLER AREA NETWORK (Cont’d)
The worst case is when the abort request is done
when the transmission has just started. In this
case the LOCK bit cannot be reset as long as the
BUSY bit is set, this means until the end of the
frame. So the application will wait for READY to be
reset during the whole frame and in this case the
worst case will be the longest frame the applica-
tion is expected to transmit.
Figure 80. Abort with the software work-around
- by NRTX, BUSY and LOCK
Using the software work-around the worst case
occurs in the arbitration lost case. If the abort is re-
quested just after pCAN has lost the arbitration
then the application has to wait for the next falling
edge of the BUSY bit before the LOCK bit can be
reset. If the next arbitration is won by pCAN then
the BUSY bit will be reset by the end of the suc-
cessful transmission. The longest time the applica-
tion has to wait in this case is the time of the long-
est message expected on the bus (minus identifi-
er) plus the longest message expected to be trans-
mitted by the application. This roughly double the
time the application may have to wait before the
abort sequence is performed.
10.8.5.4 WKPS Functionality
Due to a fix implemented to solve the “Unexpected
Message
Transmission”
issue
(see
Section
10.8.5.3) the WKPS functionality has been modi-
fied as follows in Flash ST72F521 devices:
10.8.5.5 Bus-off state not entered
Symptom:
pCAN does not enter bus-off state under certain
conditions. This is fixed in flash ST72F521 Rev R .
Details:
According to the CAN standard, pCAN is expected
to enter bus-off state when TEC (Transmit Error
Counter) is greater than 255.
But if REC (Receive Error Counter) is greater than
127 (Error Passive State) pCAN does not enter
bus-off and the BOFF bit of the CSR register is not
set. To enter bus-off, REC must decrease to a val-
ue lower than 128, this is the case with any correct
reception even if the message is filtered out.
As bus-off state is not entered and pCAN still at-
tempts to transmit its message, after the overflow
the TEC register continues to increment as long as
transmission errors occur.
Impact on the application:
The application will not stop attempting to transmit
CAN messages, even when the bus-off conditions
have been reached, until the transmission has
been successful or the value of REC becomes
lower than 128. However the application will not
disturb the communication of the other nodes on
the CAN network as pCAN is in Error Passive
State.
CAN TX
CAN RX
LOCK
READY
BUSY
TX RQST
NRTX
ABORT RQST
Device
Modification
Flash
ST72F521
Rev R
WKPS bit does not generate a wakeup
pulse. It is used to synchronize the re-
set of the LOCK bit (see “Software
Work-around - Devices with Hardware
Fix (ST72F521 rev “R”):” on page 146)
ROM
ST72521 All
revisions
WKPS bit functions according to the
datasheet description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More