| 전자부품 데이터시트 검색엔진 |
|
ST72F521AR9TC 데이터시트(PDF) 164 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521AR9TC 데이터시트(HTML) 164 Page - STMicroelectronics |
|
164 / 211 page ![]() ST72521 164/211 12.2.3 Thermal Characteristics 12.3 OPERATING CONDITIONS 12.3.1 General Operating Conditions Figure 84. fCPU Max Versus VDD Note: Some temperature ranges are only available with a specific package and memory size. Refer to Or- dering Information . Symbol Ratings Value Unit TSTG Storage temperature range -65 to +150 °C TJ Maximum junction temperature (see Section 13.2 THERMAL CHARACTERISTICS) Symbol Parameter Conditions Min Max Unit fCPU Internal clock frequency 0 8 MHz VDD Standard voltage devices (except Flash Write/Erase) 3.8 5.5 V Operating Voltage for Flash Write/Erase VPP = 11.4 to 12.6V 4.5 5.5 TA Ambient temperature range 1 Suffix Version 0 70 °C 5 Suffix Version -10 85 6 or A Suffix Versions -40 85 7 or B Suffix Versions -40 105 C Suffix Version -40 125 fCPU [MHz] SUPPLY VOLTAGE [V] 8 4 2 1 0 3.5 4.0 4.5 5.5 FUNCTIONALITY FUNCTIONALITY GUARANTEED IN THIS AREA NOT GUARANTEED IN THIS AREA 3.8 6 IN STANDARD DEVICES (UNLESS VOLTAGE OTHERWISE SPECIFIED IN THE TABLES OF PARAMETRIC DATA) |