전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV8247D 데이터시트(PDF) 101 Page - STMicroelectronics

부품명 STV8247D
상세설명  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D 데이터시트(HTML) 101 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 97Page - STMicroelectronics STV8247D Datasheet HTML 98Page - STMicroelectronics STV8247D Datasheet HTML 99Page - STMicroelectronics STV8247D Datasheet HTML 100Page - STMicroelectronics STV8247D Datasheet HTML 101Page - STMicroelectronics STV8247D Datasheet HTML 102Page - STMicroelectronics STV8247D Datasheet HTML 103Page - STMicroelectronics STV8247D Datasheet HTML 104Page - STMicroelectronics STV8247D Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 156 page
background image
101/156
STV82x7
Register List
Note:
Switching between Stereo and Forced Mono modes can be done using (FM_L + FM_R)/2 or (NIC_L
+ NIC_R)/2 configurations.
AUDIO_MATRIX_LANGUAGE
Table 22: Demod Matrix
Input Mode
Language ->
Stereo
Mono A
Mono B
Mono C
Backup mode
demod_mx
L
R
L
R
L
R
L
R
Mono AM/FM
with backup
0000
FM
FM
FM
FM
Mono AM/FM
no backup
0001
-
-
-
FM
Zwt St
0100
FM_L
FM_R
(FM_L +
FM_R)/2
(FM_L +
FM_R)/2
(FM_L +
FM_R)/2
Zwt Dual
0101
FM_M1
FM_M2
FM_M1
FM_M2
(FM_M1 +
FM_M2)/2
NICAM Mn, backup
1000
NIC_M1
NIC_M1
NIC_M1
FM
Mono AM/FM
with backup
NICAM Dual backup
1001
NIC_M1
NIC_M2
NIC_M1
NIC_M2
FM
Mono AM/FM
with backup
NICAM St, backup
1010
NIC_L
NIC_R
(NIC_L +
NIC_R)/2
(NIC_L +
NIC_R)/2
FM
Mono AM/FM
with backup
NICAM Mn, no backup
1100
NIC_M1
NIC_M1
NIC_M1
FM
Mono AM/FM
no backup
NICAM Dual, no
backup
1101
NIC_M1
NIC_M2
NIC_M1
NIC_M2
FM
Mono AM/FM
no backup
NICAM St, no backup
1110
NIC_L
NIC_R
(NIC_L +
NIC_R)/2
(NIC_L +
NIC_R)/2
FM
Mono AM/FM
no backup
Table 23: SCART Matrix
SCART_MX
Stereo
Mono A
Mono B
Mono C
Left
Right
Left
Right
Left
Right
Left
Right
0
SCART_L
SCART_R
SCART_L
SCART_R
(SCART_L +
SCART_R)/2
1
SCART_R
SCART_L
SCART_R
SCART_L
(SCART_L +
SCART_R)/2
Address: A4h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MUTE_STEREO
MUTE_ALL
SCART_LANGUAGE[1:0]
HP_LANGUAGE[1:0]
LS_LANGUAGE[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More