전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KWL-201UX 데이터시트(PDF) 1 Page - Lucky Light Electronic

부품명 KWL-201UX
상세설명  Light Bar Graph Array Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUCKY-LIGHT [Lucky Light Electronic]
홈페이지  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWL-201UX 데이터시트(HTML) 1 Page - Lucky Light Electronic

  KWL-201UX Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KWL-201Ux SERIES
Light Bar
Graph Array Display
DESCRIPTION:
The KWL-201Ux series is 4.85mm x 10.0mm two-element bar graph display.
The device has separete anode and cathode for each light segment and is
available in 6 different colors.
INTERNAL CIRCUIT DIAGRAM
φ0.50(0.020)
4.85(0.191)
2.54*3=7.62(0.3)
2.2(0.087)
1
A
2
3
B
4
A
B
3.55(0.140)
PIN 1
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Bright Red
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
700
635
660
565
570
585
90
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
If
(mA)
1.7
1.7
1.5
1.7
1.7
1.7
2.4
1.9
1.9
2.2
2.2
1.9
2.8
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
300
700
1500
700
850
600
550
1800
5000
1600
1900
1500
Electro-optical Characteristic
KWL-201U5
KWL-201U3
KWL-201US
KWL-201U2
KWL-201UG
KWL-201U6
Part No.
No
Common
Polar
Wave
Length
λρ (nm)
Vf (V)
Per Chip
Min. Typ. Max.
Iv (
µcd)
Per Chip
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
+
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.


유사한 부품 번호 - KWL-201UX

제조업체부품명데이터시트상세설명
logo
Lucky Light Electronic
KWL-2727U2 LUCKY-LIGHT-KWL-2727U2 Datasheet
43Kb / 1P
   Light Bar Display
KWL-2727U26 LUCKY-LIGHT-KWL-2727U26 Datasheet
45Kb / 1P
   Light Bar Display
KWL-2727U3 LUCKY-LIGHT-KWL-2727U3 Datasheet
43Kb / 1P
   Light Bar Display
KWL-2727U32 LUCKY-LIGHT-KWL-2727U32 Datasheet
45Kb / 1P
   Light Bar Display
KWL-2727U6 LUCKY-LIGHT-KWL-2727U6 Datasheet
43Kb / 1P
   Light Bar Display
More results

유사한 설명 - KWL-201UX

제조업체부품명데이터시트상세설명
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
Micro Electronics
MLV-10-Y MICRO-ELECTRONICS-MLV-10-Y Datasheet
82Kb / 2P
   BAR GRAPH ARRAY
MLV-10-4R-6G MICRO-ELECTRONICS-MLV-10-4R-6G Datasheet
93Kb / 1P
   BAR GRAPH ARRAY
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
NTE3115 NTE-NTE3115 Datasheet
20Kb / 2P
   Bar Graph Display
logo
BRIGHT LED ELECTRONICS ...
BA-5E5UD BRIGHT-BA-5E5UD Datasheet
185Kb / 4P
   5 BAR GRAPH ARRAY
logo
Kingbright Corporation
DD12-12GWB KINGBRIGHT-DD12-12GWB Datasheet
74Kb / 3P
   12SEGMENT BAR GRAPH ARRAY
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com