| 전자부품 데이터시트 검색엔진 |
|
38K2 데이터시트(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 데이터시트(HTML) 129 Page - Renesas Technology Corp |
|
129 / 358 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 15, 2006 page 110 of 130 38K2 Group REJ09B0338-0200 HARDWARE ID Code Check Function Use this function in standard serial I/O mode. When the contents of the flash memory are not blank, the ID code sent from the pro- grammer is compared with the ID code written in the flash memory to see if they match. If the ID codes do not match, the commands sent from the programmer are not accepted. The ID code consists of 8-bit data, and its areas are FFD416 to FFDA16. Write a pro- gram which has had the ID code preset at these addresses to the flash memory. Fig. 153 ID code store addresses ROM cord protect control ID7 ID6 ID5 ID4 ID3 ID2 ID1 FFDB16 FFDA16 FFD916 FFD816 FFD716 FFD616 FFD516 FFD416 Address Interrupt vector area |