| 전자부품 데이터시트 검색엔진 |
|
38K2 데이터시트(PDF) 154 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 데이터시트(HTML) 154 Page - Renesas Technology Corp |
|
154 / 358 page ![]() 2.1 I/O port Rev.2.00 Oct 15, 2006 page 5 of 112 38K2 Group REJ09B0338-0200 APPLICATION 2.1.3 Handling of unused pins Table 2.1.1 Handling of unused pins Pins/Ports name P0, P1, P2, P3, P4, P5, P6 VREF XOUT USBVREF TrON D0+, D0-, D1+, D1-, D2+, D2- Handling •Set to the input mode and connect each to Vcc or Vss through a resistor of 1 k Ω to 10 k Ω. •Set to the output mode and open at “L” or “H” level. •Connect to Vss (GND). •Open, only when using an external clock. •Connect to VCC •Open •Connect each to Vss through a resistor of 1 k Ω to 10 kΩ. |