| 전자부품 데이터시트 검색엔진 |
|
M16C/62A 데이터시트(PDF) 389 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62A 데이터시트(HTML) 389 Page - Renesas Technology Corp |
|
389 / 615 page ![]() Clock-Synchronous Serial I/O Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-72 2.4.5 Precautions for Serial I/O (in clock-synchronous serial I/O) Transmission/reception _______ ________ (1) With an external clock selected, and choosing the RTS function, the output level of the RTSi pin goes to “L” when the data-receivable status becomes ready, which informs the transmis- ________ sion side that the reception has become ready. The output level of the RTSi pin goes to “H” ________ ________ when reception starts. So if the RTSi pin is connected to the CTSi pin on the transmission side, the circuit can transmission and reception data with consistent timing. With the internal _______ clock, the RTS function has no effect. Figure 2.4.16 shows an example of wiring. Figure 2.4.16. Example of wiring TxDi RxDi CLKi CTSi TxDi RxDi CLKi RTSi Transmitter side IC Receiver side IC |