| 전자부품 데이터시트 검색엔진 |
|
M16C/62 데이터시트(PDF) 556 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 데이터시트(HTML) 556 Page - Renesas Technology Corp |
|
556 / 621 page ![]() External Buses Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 541 5.7 Precautions for External Bus (1) The external ROM version can operate only in the microprocessor mode, so be sure to per- form the following: • Connect the CNVSS pin to Vcc. • Fix the processor mode bits (b1 and b0) to “112”. (1) An “L” level is input to the HOLD pin. (2) HOLD is detected. (3) The CPU releases the bus. (4) An “L” is output to the HLDA pin. (5) An “H” is input to the HOLD pin. (6) An “H” is output to the HLDA pin. (7) The CPU not releases the bus. (8) The CPU resumes using the bus. BCLK DBi HOLD HLDA ALE ADi (1) (2) (3) (4) (5)(6) (7) Bus released (8) Indeterminate HiZ HiZ HiZ HiZ CSn RD/WR Figure 5.6.1. Example of releasing the external bus |