| 전자부품 데이터시트 검색엔진 |
|
M16C/62 데이터시트(PDF) 279 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 데이터시트(HTML) 279 Page - Renesas Technology Corp |
|
279 / 621 page ![]() Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Appendix Standard Serial I/O Mode (Flash Memory Version) 264 Version Information Output Command This command outputs the version information of the control program stored in the boot area. Execute the version information output command as explained here following. (1) Send the “FB16” command code in the 1st byte of the transmission. (2) The version information will be output from the 2nd byte onward. This data is composed of 8 ASCII code characters. Figure 1.31.14. Timing for version information output Boot Area Output Command This command outputs the control program stored in the boot area in one page blocks (256 bytes). Execute the boot area output command as explained here following. (1) Send the “FC16” command code in the 1st byte of the transmission. (2) Send addresses A8 to A15 and A16 to A23 in the 2nd and 3rd bytes of the transmission respec- tively. (3) From the 4th byte onward, data (D0–D7) for the page (256 bytes) specified with addresses A8 to A23 will be output sequentially from the smallest address first, in sync with the rise of the clock. FB16 'X' 'V' 'E' 'R' CLK1 RxD1 TxD1 RTS1(BUSY) (M16C reception data) (M16C transmit data) data0 data255 CLK1 RxD1 TxD1 RTS1(BUSY) A8 to A15 A16 to A23 FC16 (M16C reception data) (M16C transmit data) Figure 1.31.15. Timing for boot area output |