전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M52042FP 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 M52042FP
상세설명  NTSC Video Chroma Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52042FP 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button M52042FP Datasheet HTML 4Page - Renesas Technology Corp M52042FP Datasheet HTML 5Page - Renesas Technology Corp M52042FP Datasheet HTML 6Page - Renesas Technology Corp M52042FP Datasheet HTML 7Page - Renesas Technology Corp M52042FP Datasheet HTML 8Page - Renesas Technology Corp M52042FP Datasheet HTML 9Page - Renesas Technology Corp M52042FP Datasheet HTML 10Page - Renesas Technology Corp M52042FP Datasheet HTML 11Page - Renesas Technology Corp M52042FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M52042FP
Rev.2.00 Sep 14, 2006 page 8 of 13
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test
No
Test Conditions
Circuit current
ICC
17
21
mA
1
Input standard color bar signal of VCC = 4 V.
SYNC SEP section
Vsync 1
2.20
2.30
2.40
SYNC tip
voltage
Vsync 7
1.25
1.40
1.50
V
2
Measure each output signal SYNC tip
voltage at pins (1), (7) when standard color
bar signal of 0.7 Vp-p is input.
Vsync H
2.7
3.1
3.4
SYNC output
amplitude
Vsync L
2.7
3.1
3.4
Vp-p
3
Input only SYNC pulse of pulse width 4.7
µs
to pin (1). Measure the output amplitude at
pin (4) when the input SYNC pulse
amplitudes are 0.2 and 0.05 Vp-p.
Tsync H
3.7
4.7
5.7
SYNC output
pulse width
Tsync L
3.7
4.7
5.7
µs
4
Input only SYNC pulse of pulse width 4.7
µs
to pin (1). Measure the output amplitude at
pin (4) when the input SYNC pulse
amplitudes are 0.2 and 0.05 Vp-p.
Dsync H
3.7
4.7
6.0
SYNC output
pulse delay
Dsync L
3.7
4.7
6.0
µs
5
Input only SYNC pulse of pulse width 4.7
µs
to pin (1). Measure the pulse width + delay
time when the input SYNC pulse amplitudes
are 0.2 and 0.05 Vp-p.
Video section
YLPF (L)
1.45
1.55
MHz
YLPF frequency
characteristics
(Pin (7) )
YLPF (H)
–30
–24
–21
dB
6
Measure the frequency at which the sine
wave output amplitude is –3 dB when the
input signal (
) 0.2 Vp-p
is input. Also measure the output gain at
input sine wave 3.58 MHz.
YLPF frequency
characteristics
(through mode)
YLPF
through
5.0
7.0
10.0
MHz
7'
Measure the frequency at which the sine
wave output amplitude is –3 dB when the
input signal (
) 0.2 Vp-p
is input, and V16 is 4.0 VPC input.
Maximum
output
Ymax
1.1
1.7
1.7
Vp-p
7
Input standard staircase wave of 0.7 Vp-p.
Measure the output amplitude at pin (12)
when V9 is 0 V.
Video amplifier
gain
GYmax
4.0
6.0
8.0
dB
8
Input standard staircase wave of 0.7 Vp-p.
Calculate the ratio between the output
amplitude at pin (12) and input amplitude
when V9 is 1.7 V.
Yctrast (1)
1.20
2.45
4.50
Yctrast (2, 5)
–7.3
–5.0
–2.7
Contrast control
characteristics
Yctrast (3, 5)
–30
–17
dB
9
Input standard staircase wave of 0.7 Vp-p,
and calculate the ratio of the input amplitude
to the output amplitude in Test No.8 above
when V9 is changed 1 V, 2.5 V and 3.5 V.
XPIX (4)
–3.5
–2.0
–0.5
dB
PIX control
characteristics
XPIX (0)
10.0
12.0
14.0
dB
10
Input 1.5 MHz sine wave of 0.2 Vp-p to the
input. Measure each output amplitude at pin
(12) when V9 is 1.7 V, and V14 is changed
to 2, 4 and 0 V and calculate the ratio
between the input amplitude and the output
amplitude when V14 = 2 V.
Y AMP gain
GYmap
9.1
11.0
12.6
dB
11
Input standard staircase wave of 0.7 Vp-p
and calculate the ratio between the output
amplitude at pin (8) and input amplitude.
PED offset level
Vped
0.00
0.05
0.06
12
With input SYNC pulse at 0.2 Vp-p, measure
pin (12) output pedestal offset, and calculate
ratio of the offset to that when 0.7 Vp-p
standard staircase is input.
0.2 Vp-p
0.2 Vp-p


유사한 부품 번호 - M52042FP

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M52042FP MITSUBISHI-M52042FP Datasheet
315Kb / 7P
NTSC VIDEO CHROMA SIGNAL PROCESSOR?
More results

유사한 설명 - M52042FP

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M51403FP MITSUBISHI-M51403FP Datasheet
349Kb / 11P
PAL VIDEO CHROMA SIGNAL PROCESSOR
M52023SP MITSUBISHI-M52023SP Datasheet
1Mb / 14P
NTSC VIDEO CHROMA DEFLECTION
M52042FP MITSUBISHI-M52042FP Datasheet
315Kb / 7P
NTSC VIDEO CHROMA SIGNAL PROCESSOR?
M52045FP MITSUBISHI-M52045FP Datasheet
299Kb / 7P
PAL VIDEO CHROMA SIGNAL PROCESSOR?
M52300BSP MITSUBISHI-M52300BSP Datasheet
986Kb / 8P
NTSC VIDEO CHROMA DEFLECTION PROCESSOR???
logo
Panasonic Semiconductor
AN5337K PANASONIC-AN5337K Datasheet
211Kb / 21P
NTSC Video Signal Processor IC
logo
Mitsubishi Electric Sem...
M5141BSP MITSUBISHI-M5141BSP Datasheet
1Mb / 24P
NTSC VIDEO CHROMA DEFLECTION
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
logo
Renesas Technology Corp
M51403FP RENESAS-M51403FP Datasheet
3Mb / 12P
PAL VIDEO CHROMA SIGNAL PROCESSOR
M52045FP RENESAS-M52045FP Datasheet
181Kb / 14P
PAL Video Chroma Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com