| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896 데이터시트(PDF) 166 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896 데이터시트(HTML) 166 Page - Actel Corporation |
|
166 / 226 page ![]() Axcelerator Family FPGAs 3- 60 v2.7 IO121NB2F11 P25 IO121PB2F11 P24 IO122NB2F11 P28 IO122PB2F11 P27 IO123NB2F11 R26 IO123PB2F11 P26 IO124NB2F11 P29 IO124PB2F11 P30 IO125NB2F11 R22 IO125PB2F11 R23 IO127NB2F11 R24 IO127PB2F11 R25 IO128NB2F11 R29 IO128PB2F11 R30 Bank 3 IO129NB3F12 T27 IO129PB3F12 R27 IO130NB3F12 T29 IO130PB3F12 T30 IO131NB3F12 T22 IO131PB3F12 T23 IO132NB3F12 U26 IO132PB3F12 T26 IO133NB3F12 U24 IO133PB3F12 T24 IO135NB3F12 U23 IO135PB3F12 U22 IO136NB3F12 U29 IO136PB3F12 U30 IO137NB3F12 V28 IO137PB3F12 U28 IO138NB3F12 V27 IO138PB3F12 U27 IO139NB3F13 V25 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO139PB3F13 U25 IO141NB3F13 V23 IO141PB3F13 V22 IO142NB3F13 W29 IO142PB3F13 V29 IO143NB3F13 W26 IO143PB3F13 V26 IO145NB3F13 W24 IO145PB3F13 V24 IO146NB3F13 W27 IO146PB3F13 W28 IO147NB3F13 Y28 IO147PB3F13 Y27 IO148NB3F13 Y30 IO148PB3F13 W30 IO149NB3F13 Y25 IO149PB3F13 W25 IO150NB3F14 AA29 IO150PB3F14 Y29 IO151NB3F14 AC29 IO152NB3F14 AA26 IO152PB3F14 Y26 IO153NB3F14 Y23 IO153PB3F14 W23 IO154NB3F14 AB30 IO154PB3F14 AA30 IO155NB3F14 AB27 IO155PB3F14 AA27 IO156NB3F14 AC28 IO156PB3F14 AB28 IO157NB3F14 AA24 IO157PB3F14 Y24 IO158NB3F14 AF29 IO158PB3F14 AF30 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO159NB3F14 AB25 IO159PB3F14 AA25 IO160NB3F14 AE30 IO160PB3F14 AD30 IO161NB3F15 AE29 IO161PB3F15 AD29 IO162NB3F15 AD27 IO162PB3F15 AC27 IO163NB3F15 AC26 IO163PB3F15 AB26 IO164NB3F15 AE28 IO164PB3F15 AD28 IO165NB3F15 AC24 IO165PB3F15 AB24 IO166NB3F15 AG28 IO166PB3F15 AF28 IO167NB3F15 AE26 IO167PB3F15 AD26 IO168NB3F15 AD25 IO168PB3F15 AC25 IO169NB3F15 AF27 IO169PB3F15 AE27 IO170NB3F15 AB23 IO170PB3F15 AA23 Bank 4 IO171NB4F16 AG29 IO171PB4F16 AG30 IO172NB4F16 AF24 IO172PB4F16 AF25 IO173NB4F16 AG25 IO173PB4F16 AG26 IO174NB4F16 AJ25 IO174PB4F16 AJ26 IO175NB4F16 AK26 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |