| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CSG896 데이터시트(PDF) 183 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896 데이터시트(HTML) 183 Page - Actel Corporation |
|
183 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-77 VCCIB0 L13 VCCIB0 L14 VCCIB0 M13 VCCIB0 M14 VCCIB0 M15 VCCIB0 M16 VCCIB0 M17 VCCIB1 A30 VCCIB1 B30 VCCIB1 C30 VCCIB1 D30 VCCIB1 L21 VCCIB1 L22 VCCIB1 L23 VCCIB1 M18 VCCIB1 M19 VCCIB1 M20 VCCIB1 M21 VCCIB1 M22 VCCIB2 E31 VCCIB2 E32 VCCIB2 E33 VCCIB2 E34 VCCIB2 M24 VCCIB2 N23 VCCIB2 N24 VCCIB2 P23 VCCIB2 P24 VCCIB2 R23 VCCIB2 T23 VCCIB2 U23 VCCIB3 AA23 VCCIB3 AA24 VCCIB3 AB23 VCCIB3 AB24 VCCIB3 AC24 VCCIB3 AK31 VCCIB3 AK32 VCCIB3 AK33 1152-Pin FBGA AX2000 Function Pin Number VCCIB3 AK34 VCCIB3 V23 VCCIB3 W23 VCCIB3 Y23 VCCIB4 AC18 VCCIB4 AC19 VCCIB4 AC20 VCCIB4 AC21 VCCIB4 AC22 VCCIB4 AD21 VCCIB4 AD22 VCCIB4 AD23 VCCIB4 AL30 VCCIB4 AM30 VCCIB4 AN30 VCCIB4 AP30 VCCIB5 AC13 VCCIB5 AC14 VCCIB5 AC15 VCCIB5 AC16 VCCIB5 AC17 VCCIB5 AD12 VCCIB5 AD13 VCCIB5 AD14 VCCIB5 AL5 VCCIB5 AM5 VCCIB5 AN5 VCCIB5 AP5 VCCIB6 AA11 VCCIB6 AA12 VCCIB6 AB11 VCCIB6 AB12 VCCIB6 AC11 VCCIB6 AK1 VCCIB6 AK2 VCCIB6 AK3 VCCIB6 AK4 VCCIB6 V12 VCCIB6 W12 1152-Pin FBGA AX2000 Function Pin Number VCCIB6 Y12 VCCIB7 E1 VCCIB7 E2 VCCIB7 E3 VCCIB7 E4 VCCIB7 M11 VCCIB7 N11 VCCIB7 N12 VCCIB7 P11 VCCIB7 P12 VCCIB7 R12 VCCIB7 T12 VCCIB7 U12 VCCPLA J16 VCCPLB K17 VCCPLC J19 VCCPLD L18 VCCPLE AK19 VCCPLF AE18 VCCPLG AK16 VCCPLH AF17 VCOMPLA H16 VCOMPLB L17 VCOMPLC H19 VCOMPLD K18 VCOMPLE AH19 VCOMPLF AF18 VCOMPLG AH16 VCOMPLH AD17 VPUMP J26 1152-Pin FBGA AX2000 Function Pin Number |