| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896 데이터시트(PDF) 111 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896 데이터시트(HTML) 111 Page - Actel Corporation |
|
111 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-5 729-Pin PBGA AX1000 Function Pin Number Bank 0 IO00NB0F0 E6 IO00PB0F0 F6 IO01NB0F0 G8 IO01PB0F0 G7 IO02NB0F0 D7 IO02PB0F0 E7 IO03NB0F0 D5 IO03PB0F0 E5 IO04NB0F0 G9 IO04PB0F0 H9 IO05NB0F0 E8 IO05PB0F0 F8 IO06NB0F0 C6 IO06PB0F0 D6 IO07NB0F0 B5 IO07PB0F0 C5 IO08NB0F0 A6 IO08PB0F0 A5 IO09NB0F0 E9 IO09PB0F0 F9 IO10NB0F0 G10 IO10PB0F0 H10 IO11NB0F0 B7 IO11PB0F0 B6 IO12NB0F1 C8 IO12PB0F1 C7 IO13NB0F1 E10 IO13PB0F1 F10 IO14NB0F1 G11 IO14PB0F1 H11 IO15NB0F1 D9 IO15PB0F1 D8 IO16NB0F1 A8 IO16PB0F1 A7 IO17NB0F1 B9 IO17PB0F1 B8 IO18NB0F1 C10 IO18PB0F1 C9 IO19NB0F1 E11 IO19PB0F1 F11 IO20NB0F1 G12 IO20PB0F1 H12 IO21NB0F1 D11 IO21PB0F1 D10 IO22NB0F2 A10 IO22PB0F2 A9 IO23NB0F2 B11 IO23PB0F2 B10 IO24NB0F2 G13 IO24PB0F2 H13 IO25NB0F2 C12 IO25PB0F2 C11 IO26NB0F2 E12 IO26PB0F2 D12 IO27NB0F2 E13 IO27PB0F2 F13 IO28NB0F2 G14 IO28PB0F2 H14 IO29NB0F2 A12 IO29PB0F2 B12 IO30NB0F2/HCLKAN C13 IO30PB0F2/HCLKAP D13 IO31NB0F2/HCLKBN F14 IO31PB0F2/HCLKBP E14 Bank 1 IO32NB1F3/HCLKCN C14 IO32PB1F3/HCLKCP B14 IO33NB1F3/HCLKDN D16 IO33PB1F3/HCLKDP D15 IO34NB1F3 B16 IO34PB1F3 A16 IO35NB1F3 E15 IO35PB1F3 F15 IO36NB1F3 H15 IO36PB1F3 G15 729-Pin PBGA AX1000 Function Pin Number IO37NB1F3 C17 IO37PB1F3 C16 IO38NB1F3 B18 IO38PB1F3 B17 IO39NB1F3 A18 IO39PB1F3 A17 IO40NB1F3 H16 IO40PB1F3 G16 IO41NB1F4 B19 IO41PB1F4 A19 IO42NB1F4 C19 IO42PB1F4 C18 IO43NB1F4 D18 IO43PB1F4 D17 IO44NB1F4 H17 IO44PB1F4 G17 IO45NB1F4 F17 IO45PB1F4 E17 IO46NB1F4 B20 IO46PB1F4 A20 IO47NB1F4 C21 IO47PB1F4 C20 IO48NB1F4 H18 IO48PB1F4 G18 IO49NB1F4 F18 IO49PB1F4 E18 IO50NB1F4 D20 IO50PB1F4 D19 IO51NB1F4 A22 IO51PB1F4 A21 IO52NB1F4 B22 IO52PB1F4 B21 IO53NB1F4 F19 IO53PB1F4 E19 IO54NB1F5 F20 IO54PB1F5 E20 IO55NB1F5 E21 IO55PB1F5 D21 729-Pin PBGA AX1000 Function Pin Number |