| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896 데이터시트(PDF) 125 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896 데이터시트(HTML) 125 Page - Actel Corporation |
|
125 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-19 324-Pin FBGA AX125 Function Pin Number Bank 0 IO00NB0F0 C5 IO00PB0F0 C4 IO01NB0F0 A3 IO01PB0F0 A2 IO02NB0F0 C7 IO02PB0F0 C6 IO03NB0F0 B5 IO03PB0F0 B4 IO04NB0F0 A5 IO04PB0F0 A4 IO05NB0F0 A7 IO05PB0F0 A6 IO06NB0F0 B7 IO06PB0F0 B6 IO07NB0F0/HCLKAN C9 IO07PB0F0/HCLKAP C8 IO08NB0F0/HCLKBN B10 IO08PB0F0/HCLKBP B9 Bank 1 IO09NB1F1/HCLKCN D11 IO09PB1F1/HCLKCP D10 IO10NB1F1/HCLKDN C12 IO10PB1F1/HCLKDP C11 IO11NB1F1 A15 IO11PB1F1 A14 IO12NB1F1 B14 IO12PB1F1 B13 IO13NB1F1 A17 IO13PB1F1 A16 IO14NB1F1 D13 IO14PB1F1 D12 IO15NB1F1 C14 IO15PB1F1 C13 IO16NB1F1 B16 IO16PB1F1 C15 IO17NB1F1 E14 IO17PB1F1 E13 Bank 2 IO18NB2F2 G14 IO18PB2F2 F14 IO19NB2F2 D16 IO19PB2F2 D15 IO20NB2F2 C18 IO20PB2F2 B18 IO21NB2F2 D17 IO21PB2F2 C17 IO22NB2F2 F17 IO22PB2F2 E17 IO23NB2F2 G16 IO23PB2F2 F16 IO24NB2F2 E18 IO24PB2F2 D18 IO25NB2F2 G18 IO25PB2F2 F18 IO26NB2F2 H17 IO26PB2F2 G17 IO27NB2F2 J16 IO27PB2F2 H16 IO28NB2F2 J18 IO28PB2F2 H18 IO29NB2F2 K17 IO29PB2F2 J17 Bank 3 IO30NB3F3 N18 IO30PB3F3 M18 IO31NB3F3 L18 IO31PB3F3 K18 IO32NB3F3 L16 IO32PB3F3 L17 IO33NB3F3 R18 IO33PB3F3 P18 IO34NB3F3 N15 IO34PB3F3 M15 IO35NB3F3 M16 IO35PB3F3 M17 324-Pin FBGA AX125 Function Pin Number IO36NB3F3 P16 IO36PB3F3 N16 IO37NB3F3 R17 IO37PB3F3 P17 IO38NB3F3 N14 IO38PB3F3 M14 IO39NB3F3 U18 IO39PB3F3 T18 IO40NB3F3 R16 IO40PB3F3 T17 IO41NB3F3 P13 IO41PB3F3 P14 Bank 4 IO42NB4F4 T13 IO42PB4F4 T14 IO43NB4F4 U15 IO43PB4F4 T15 IO44NB4F4 U13 IO44PB4F4 U14 IO45NB4F4 V15 IO45PB4F4 V16 IO46NB4F4 V13 IO46PB4F4 V14 IO47NB4F4 V12 IO47PB4F4 U12 IO48NB4F4 V10 IO48PB4F4 V11 IO49NB4F4/CLKEN T10 IO49PB4F4/CLKEP T11 IO50NB4F4/CLKFN U9 IO50PB4F4/CLKFP U10 Bank 5 IO51NB5F5/CLKGN R8 IO51PB5F5/CLKGP R9 IO52NB5F5/CLKHN T7 IO52PB5F5/CLKHP T8 IO53NB5F5 U6 IO53PB5F5 U7 324-Pin FBGA AX125 Function Pin Number |