| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896 데이터시트(PDF) 212 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896 데이터시트(HTML) 212 Page - Actel Corporation |
|
212 / 226 page ![]() Axcelerator Family FPGAs 3- 106 v2.7 IO200NB6F18 V3 IO200PB6F18 W3 IO201NB6F18 T7 IO201PB6F18 U7 IO202NB6F18 V2 IO203NB6F19 W2 IO203PB6F19 Y2 IO204NB6F19 AA1 IO204PB6F19 AB1 IO205NB6F19 R6 IO205PB6F19 T6 IO206NB6F19 W1 IO206PB6F19 Y1 IO207NB6F19 T2 IO207PB6F19 U2 IO208NB6F19 T1 IO208PB6F19 U1 IO209NB6F19 AA2 IO209PB6F19 AB2 IO210NB6F19 P5 IO211NB6F19 M1 IO211PB6F19 N1 IO212NB6F19 P1 IO212PB6F19 R1 IO213NB6F19 R8 IO213PB6F19 T8 IO215NB6F20 U4 IO215PB6F20 V4 IO216NB6F20 P8 IO216PB6F20 R3 IO217NB6F20 P7 IO217PB6F20 R7 IO219NB6F20 R4 IO219PB6F20 T4 IO220NB6F20 P2 IO220PB6F20 R2 IO221NB6F20 N4 624-Pin CCGA AX1000 Function Pin Number IO221PB6F20 P4 IO223NB6F20 M2 IO223PB6F20 N2 IO224NB6F20 N3 IO224PB6F20 P3 Bank 7 IO225NB7F21 J2 IO225PB7F21 J1 IO226PB7F21 G2 IO227NB7F21 H3 IO227PB7F21 H2 IO229NB7F21 K2 IO229PB7F21 L2 IO230NB7F21 K1 IO230PB7F21 L1 IO231NB7F21 E2 IO231PB7F21 F2 IO232NB7F21 F1 IO232PB7F21 G1 IO233NB7F21 L3 IO233PB7F21 M3 IO234NB7F21 D1 IO234PB7F21 E1 IO235NB7F21 K4 IO235PB7F21 L4 IO236NB7F22 M6 IO237NB7F22 N8 IO237PB7F22 N7 IO238NB7F22 M5 IO239NB7F22 L6 IO239PB7F22 L5 IO240NB7F22 M4 IO241NB7F22 L7 IO241PB7F22 M7 IO242NB7F22 J3 IO243NB7F22 M9 IO243PB7F22 M8 624-Pin CCGA AX1000 Function Pin Number IO244NB7F22 P9 IO244PB7F22 N6 IO245NB7F22 K8 IO245PB7F22 L8 IO246NB7F22 F3 IO246PB7F22 E3 IO247NB7F23 K7 IO247PB7F23 K6 IO248NB7F23 D2 IO249NB7F23 G4 IO249PB7F23 G3 IO251NB7F23 N10 IO251PB7F23 N9 IO253NB7F23 H4 IO253PB7F23 J4 IO255NB7F23 J6 IO255PB7F23 J5 IO257NB7F23 H5 IO257PB7F23 H6 Dedicated I/O GND K5 GND A18 GND A2 GND A24 GND A25 GND A8 GND AA10 GND AA16 GND AA18 GND AA21 GND AA5 GND AB22 GND AB4 GND AC10 GND AC16 GND AC23 GND AC3 624-Pin CCGA AX1000 Function Pin Number |