전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896PP 데이터시트(PDF) 121 Page - Actel Corporation

부품명 AX2000-1CSG896PP
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896PP 데이터시트(HTML) 121 Page - Actel Corporation

Back Button AX2000-1CSG896PP Datasheet HTML 117Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 118Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 119Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 120Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 121Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 122Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 123Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 124Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 125Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-15
VCCDA
J15
VCCDA
N14
VCCDA
N8
VCCDA
P4
VCCIB0
E6
VCCIB0
E7
VCCIB0
E8
VCCIB1
E10
VCCIB1
E11
VCCIB1
E9
VCCIB2
F12
VCCIB2
G12
VCCIB2
H12
VCCIB3
J12
VCCIB3
K12
VCCIB3
L12
VCCIB4
M10
VCCIB4
M11
VCCIB4
M9
VCCIB5
M6
VCCIB5
M7
VCCIB5
M8
VCCIB6
J5
VCCIB6
K5
VCCIB6
L5
VCCIB7
F5
VCCIB7
G5
VCCIB7
H5
VCOMPLA
A7
VCOMPLB
D7
VCOMPLC
B9
VCOMPLD
D11
VCOMPLE
T10
VCOMPLF
N10
VCOMPLG
R8
VCOMPLH
N6
VPUMP
A14
256-Pin FBGA
AX125 Function
Pin Number
256-Pin FBGA
AX250 Function
Pin Number
Bank 0
IO01NB0F0
B4
IO01PB0F0
B3
IO03NB0F0
A4
IO03PB0F0
A3
IO05NB0F0
B6
IO05PB0F0
B5
IO07NB0F0
A6
IO07PB0F0
A5
IO12NB0F0/HCLKAN
B8
IO12PB0F0/HCLKAP
B7
IO13NB0F0/HCLKBN
A9
IO13PB0F0/HCLKBP
A8
Bank 1
IO14NB1F1/HCLKCN
C10
IO14PB1F1/HCLKCP
C9
IO15NB1F1/HCLKDN
B11
IO15PB1F1/HCLKDP
B10
IO17NB1F1
A13
IO17PB1F1
A12
IO19NB1F1
B13
IO19PB1F1
B12
IO21NB1F1
C12
IO21PB1F1
C11
IO23NB1F1
A15
IO23PB1F1
B14
IO26NB1F1
C15
IO26PB1F1
C14
IO27NB1F1
D13
IO27PB1F1
D12
Bank 2
IO29NB2F2
F13
IO29PB2F2
E13
IO30NB2F2
F14
IO30PB2F2
E14
IO32NB2F2
C16
IO32PB2F2
B16
IO33NB2F2
F15
IO33PB2F2
E15
IO35NB2F2
H13
IO35PB2F2
G13
IO36NB2F2
E16
IO36PB2F2
D16
IO38NB2F2
H15
IO38PB2F2
G15
IO39NB2F2
H14
IO39PB2F2
G14
IO40NB2F2
G16
IO40PB2F2
F16
IO43NB2F2
K15
IO43PB2F2
K16
IO44NB2F2
J16
IO44PB2F2
H16
Bank 3
IO45NB3F3
K13
IO45PB3F3
J13
IO46NB3F3
K14
IO46PB3F3
J14
IO52NB3F3
L15
IO52PB3F3
L16
IO54NB3F3
P16
IO54PB3F3
N16
IO55PB3F3
M16
IO56NB3F3
P15
IO56PB3F3
R16
IO58NB3F3
N15
IO58PB3F3
M15
IO59NB3F3
M13
IO59PB3F3
L13
IO61NB3F3
M14
IO61PB3F3
L14
Bank 4
IO62NB4F4
N12
IO62PB4F4
N13
IO63NB4F4
T14
IO63PB4F4
R14
256-Pin FBGA
AX250 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More