전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896PP 데이터시트(PDF) 138 Page - Actel Corporation

부품명 AX2000-1CSG896PP
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896PP 데이터시트(HTML) 138 Page - Actel Corporation

Back Button AX2000-1CSG896PP Datasheet HTML 134Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 135Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 136Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 137Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 138Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 139Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 140Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 141Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 142Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 226 page
background image
Axcelerator Family FPGAs
3- 32
v2.7
484-Pin FBGA
AX1000 Function
Pin Number
Bank 0
IO01NB0F0
E3
IO01PB0F0
D3
IO02NB0F0
E7
IO02PB0F0
E6
IO05NB0F0
D2
IO05PB0F0
E2
IO06NB0F0
C5
IO06PB0F0
C4
IO12NB0F1
D7
IO12PB0F1
D6
IO13NB0F1
B5
IO13PB0F1
B4
IO14NB0F1
E9
IO14PB0F1
E8
IO15NB0F1
C7
IO15PB0F1
C6
IO16NB0F1
A5
IO16PB0F1
A4
IO17NB0F1
B7
IO17PB0F1
B6
IO18NB0F1
A7
IO18PB0F1
A6
IO19NB0F1
C9
IO19PB0F1
C8
IO20NB0F1
D9
IO20PB0F1
D8
IO21NB0F1
B9
IO21PB0F1
B8
IO22NB0F2
A9
IO22PB0F2
A8
IO23NB0F2
B10
IO23PB0F2
A10
IO26NB0F2
A14
IO26PB0F2
A13
IO29NB0F2
B12
IO29PB0F2
B11
IO30NB0F2/HCLKAN
E11
IO30PB0F2/HCLKAP
E10
IO31NB0F2/HCLKBN
D12
IO31PB0F2/HCLKBP
D11
Bank 1
IO32NB1F3/HCLKCN
F13
IO32PB1F3/HCLKCP
F12
IO33NB1F3/HCLKDN
E14
IO33PB1F3/HCLKDP
E13
IO34NB1F3
C13
IO34PB1F3
C12
IO37NB1F3
B14
IO37PB1F3
B13
IO38NB1F3
A16
IO38PB1F3
A15
IO40NB1F3
C15
IO42NB1F4
A18
IO42PB1F4
A17
IO43NB1F4
B16
IO43PB1F4
B15
IO44NB1F4
B18
IO44PB1F4
B17
IO45NB1F4
B19
IO45PB1F4
A19
IO46NB1F4
C19
IO46PB1F4
C18
IO48NB1F4
F15
IO48PB1F4
F14
IO49NB1F4
D16
IO49PB1F4
D15
IO50NB1F4
C17
IO50PB1F4
C16
IO51NB1F4
E22
IO51PB1F4
D22
IO52NB1F4
E16
IO52PB1F4
E15
IO57NB1F5
E21
IO57PB1F5
D21
IO60NB1F5
G16
IO60PB1F5
G15
IO61NB1F5
D18
IO61PB1F5
E17
IO63NB1F5
E20
IO63PB1F5
D20
Bank 2
IO64NB2F6
F18
IO64PB2F6
F17
IO67NB2F6
F19
IO67PB2F6
E19
484-Pin FBGA
AX1000 Function
Pin Number
IO68NB2F6
J16
IO68PB2F6
H16
IO70NB2F6
J17
IO70PB2F6
H17
IO74NB2F7
J18
IO74PB2F7
H18
IO75NB2F7
G20
IO75PB2F7
F20
IO79NB2F7
H19
IO79PB2F7
G19
IO80NB2F7
L16
IO80PB2F7
K16
IO84NB2F7
L17
IO84PB2F7
K17
IO85NB2F8
G21
IO85PB2F8
F21
IO86NB2F8
G22
IO86PB2F8
F22
IO87NB2F8
J20
IO87PB2F8
H20
IO88NB2F8
L18
IO88PB2F8
K18
IO89NB2F8
K19
IO89PB2F8
J19
IO90NB2F8
J21
IO90PB2F8
H21
IO91NB2F8
J22
IO91PB2F8
H22
IO93NB2F8
K21
IO93PB2F8
K22
IO94NB2F8
L20
IO94PB2F8
K20
IO95NB2F8
M21
IO95PB2F8
L21
Bank 3
IO96NB3F9
N16
IO96PB3F9
M16
IO97NB3F9
M19
IO97PB3F9
L19
IO98NB3F9
P22
IO98PB3F9
N22
IO99NB3F9
N20
IO99PB3F9
M20
484-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More