| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896I 데이터시트(PDF) 129 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896I 데이터시트(HTML) 129 Page - Actel Corporation |
|
129 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-23 484-Pin FBGA AX250 Function Pin Number Bank 0 IO00NB0F0 D7 IO00PB0F0 D6 IO01NB0F0 E7 IO01PB0F0 E6 IO02NB0F0 C5 IO02PB0F0 C4 IO03NB0F0 C7 IO03PB0F0 C6 IO04NB0F0 E9 IO04PB0F0 E8 IO05NB0F0 D9 IO05PB0F0 D8 IO06NB0F0 B7 IO06PB0F0 B6 IO07NB0F0 C9 IO07PB0F0 C8 IO08NB0F0 A7 IO08PB0F0 A6 IO09NB0F0 B9 IO09PB0F0 B8 IO10NB0F0 A9 IO10PB0F0 A8 IO11NB0F0 B10 IO11PB0F0 A10 IO12NB0F0/HCLKAN E11 IO12PB0F0/HCLKAP E10 IO13NB0F0/HCLKBN D12 IO13PB0F0/HCLKBP D11 Bank 1 IO14NB1F1/HCLKCN F13 IO14PB1F1/HCLKCP F12 IO15NB1F1/HCLKDN E14 IO15PB1F1/HCLKDP E13 IO16NB1F1 C13 IO16PB1F1 C12 IO17NB1F1 B14 IO17PB1F1 B13 IO18NB1F1 A14 IO18PB1F1 A13 IO19NB1F1 A16 IO19PB1F1 A15 IO20NB1F1 B16 IO20PB1F1 B15 IO21NB1F1 C17 IO21PB1F1 C16 IO22NB1F1 F15 IO22PB1F1 F14 IO23NB1F1 D16 IO23PB1F1 D15 IO24NB1F1 E16 IO24PB1F1 E15 IO25NB1F1 F18 IO25PB1F1 F17 IO26NB1F1 D18 IO26PB1F1 E17 IO27NB1F1 G16 IO27PB1F1 G15 Bank 2 IO28NB2F2 F19 IO28PB2F2 E19 IO29NB2F2 J16 IO29PB2F2 H16 IO30NB2F2 E20 IO30PB2F2 D20 IO31NB2F2 J17 IO31PB2F2 H17 IO32NB2F2 G20 IO32PB2F2 F20 IO33NB2F2 H19 IO33PB2F2 G19 IO34NB2F2 E22 IO34PB2F2 D22 IO35NB2F2 J18 IO35PB2F2 H18 IO36NB2F2 G21 484-Pin FBGA AX250 Function Pin Number IO36PB2F2 F21 IO37NB2F2 K19 IO37PB2F2 J19 IO38NB2F2 J20 IO38PB2F2 H20 IO39NB2F2 L16 IO39PB2F2 K16 IO40NB2F2 J21 IO40PB2F2 H21 IO41NB2F2 L17 IO41PB2F2 K17 IO42NB2F2 J22 IO42PB2F2 H22 IO43NB2F2 L18 IO43PB2F2 K18 IO44NB2F2 L20 IO44PB2F2 K20 Bank 3 IO45NB3F3 M19 IO45PB3F3 L19 IO46NB3F3 M21 IO46PB3F3 L21 IO47NB3F3 N17 IO47PB3F3 M17 IO48NB3F3 N18 IO48PB3F3 N19 IO49NB3F3 N16 IO49PB3F3 M16 IO50NB3F3 N20 IO50PB3F3 M20 IO51NB3F3 P21 IO51PB3F3 N21 IO52NB3F3 P18 IO52PB3F3 P19 IO53NB3F3 R20 IO53PB3F3 P20 IO54NB3F3 T21 IO54PB3F3 R21 484-Pin FBGA AX250 Function Pin Number |