| 전자부품 데이터시트 검색엔진 |
|
AX2000-1CS896I 데이터시트(PDF) 156 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896I 데이터시트(HTML) 156 Page - Actel Corporation |
|
156 / 226 page ![]() Axcelerator Family FPGAs 3- 50 v2.7 896-Pin FBGA AX1000 Function Pin Number Bank 0 IO00NB0F0 D6 IO00PB0F0 E6 IO01NB0F0 A5 IO01PB0F0 B5 IO02NB0F0 G9 IO02PB0F0 G8 IO03NB0F0 F8 IO03PB0F0 F7 IO04NB0F0 D7 IO04PB0F0 E7 IO05NB0F0 C7 IO05PB0F0 C6 IO06NB0F0 H9 IO06PB0F0 H8 IO07NB0F0 D8 IO07PB0F0 E8 IO08NB0F0 E9 IO08PB0F0 F9 IO09NB0F0 A7 IO09PB0F0 B7 IO10NB0F0 H10 IO10PB0F0 G10 IO11NB0F0 C9 IO11PB0F0 C8 IO12NB0F1 E10 IO12PB0F1 F10 IO13NB0F1 D10 IO13PB0F1 D9 IO14NB0F1 F11 IO14PB0F1 G11 IO15NB0F1 A10 IO15PB0F1 A9 IO16NB0F1 H12 IO16PB0F1 H11 IO17NB0F1 B11 IO17PB0F1 B10 IO18NB0F1 D11 IO18PB0F1 E11 IO19NB0F1 C12 IO19PB0F1 C11 IO20NB0F1 F12 IO20PB0F1 G12 IO21NB0F1 D12 IO21PB0F1 E12 IO22NB0F2 H13 IO22PB0F2 J13 IO23NB0F2 A12 IO23PB0F2 A11 IO24NB0F2 F13 IO24PB0F2 G13 IO25NB0F2 B13 IO25PB0F2 B12 IO26NB0F2 E14 IO26PB0F2 E13 IO27NB0F2 B14 IO27PB0F2 A14 IO28NB0F2 H14 IO28PB0F2 J14 IO29NB0F2 B15 IO29PB0F2 A15 IO30NB0F2/HCLKAN C14 IO30PB0F2/HCLKAP D14 IO31NB0F2/HCLKBN E15 IO31PB0F2/HCLKBP D15 Bank 1 IO32NB1F3/HCLKCN E17 IO32PB1F3/HCLKCP E16 IO33NB1F3/HCLKDN C17 IO33PB1F3/HCLKDP D17 IO34NB1F3 A17 IO34PB1F3 B17 IO35NB1F3 D18 IO35PB1F3 C18 IO36NB1F3 H17 IO36PB1F3 J17 896-Pin FBGA AX1000 Function Pin Number IO37NB1F3 B19 IO37PB1F3 A19 IO38NB1F3 H18 IO38PB1F3 J18 IO39NB1F3 B20 IO39PB1F3 A20 IO40NB1F3 C20 IO40PB1F3 C19 IO41NB1F4 E20 IO41PB1F4 E19 IO42NB1F4 F18 IO42PB1F4 G18 IO43NB1F4 A22 IO43PB1F4 A21 IO44NB1F4 F20 IO44PB1F4 F19 IO45NB1F4 D21 IO45PB1F4 D20 IO46NB1F4 D22 IO46PB1F4 C22 IO47NB1F4 A25 IO47PB1F4 A24 IO48NB1F4 H19 IO48PB1F4 G19 IO49NB1F4 C24 IO49PB1F4 C23 IO50NB1F4 G20 IO50PB1F4 H20 IO51NB1F4 F21 IO51PB1F4 E21 IO52NB1F4 F22 IO52PB1F4 E22 IO53NB1F4 B25 IO53PB1F4 B24 IO54NB1F5 D24 IO54PB1F5 D23 IO55NB1F5 F23 IO55PB1F5 E23 896-Pin FBGA AX1000 Function Pin Number |