전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896I 데이터시트(PDF) 163 Page - Actel Corporation

부품명 AX2000-1CS896I
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896I 데이터시트(HTML) 163 Page - Actel Corporation

Back Button AX2000-1CS896I Datasheet HTML 159Page - Actel Corporation AX2000-1CS896I Datasheet HTML 160Page - Actel Corporation AX2000-1CS896I Datasheet HTML 161Page - Actel Corporation AX2000-1CS896I Datasheet HTML 162Page - Actel Corporation AX2000-1CS896I Datasheet HTML 163Page - Actel Corporation AX2000-1CS896I Datasheet HTML 164Page - Actel Corporation AX2000-1CS896I Datasheet HTML 165Page - Actel Corporation AX2000-1CS896I Datasheet HTML 166Page - Actel Corporation AX2000-1CS896I Datasheet HTML 167Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-57
VCCPLH
AD15
VCCDA
AD24
VCCDA
AD7
VCCDA
AF12
VCCDA
AF13
VCCDA
AF15
VCCDA
AF18
VCCDA
AF19
VCCDA
C13
VCCDA
C5
VCCDA
D13
VCCDA
D19
VCCDA
D3
VCCDA
E18
VCCDA
F26
VCCDA
G16
VCCDA
T25
VCCDA
T4
VCCIB0
A3
VCCIB0
B3
VCCIB0
J10
VCCIB0
J11
VCCIB0
J12
VCCIB0
K11
VCCIB0
K12
VCCIB0
K13
VCCIB0
K14
VCCIB0
K15
VCCIB1
A28
VCCIB1
B28
VCCIB1
J19
VCCIB1
J20
VCCIB1
J21
VCCIB1
K16
VCCIB1
K17
VCCIB1
K18
VCCIB1
K19
VCCIB1
K20
896-Pin FBGA
AX1000 Function
Pin Number
VCCIB2
C29
VCCIB2
C30
VCCIB2
K22
VCCIB2
L21
VCCIB2
L22
VCCIB2
M21
VCCIB2
M22
VCCIB2
N21
VCCIB2
P21
VCCIB2
R21
VCCIB3
AA22
VCCIB3
AH29
VCCIB3
AH30
VCCIB3
T21
VCCIB3
U21
VCCIB3
V21
VCCIB3
W21
VCCIB3
W22
VCCIB3
Y21
VCCIB3
Y22
VCCIB4
AA16
VCCIB4
AA17
VCCIB4
AA18
VCCIB4
AA19
VCCIB4
AA20
VCCIB4
AB19
VCCIB4
AB20
VCCIB4
AB21
VCCIB4
AJ28
VCCIB4
AK28
VCCIB5
AA11
VCCIB5
AA12
VCCIB5
AA13
VCCIB5
AA14
VCCIB5
AA15
VCCIB5
AB10
VCCIB5
AB11
VCCIB5
AB12
896-Pin FBGA
AX1000 Function
Pin Number
VCCIB5
AJ3
VCCIB5
AK3
VCCIB6
AA9
VCCIB6
AH1
VCCIB6
AH2
VCCIB6
T10
VCCIB6
U10
VCCIB6
V10
VCCIB6
W10
VCCIB6
W9
VCCIB6
Y10
VCCIB6
Y9
VCCIB7
C1
VCCIB7
C2
VCCIB7
K9
VCCIB7
L10
VCCIB7
L9
VCCIB7
M10
VCCIB7
M9
VCCIB7
N10
VCCIB7
P10
VCCIB7
R10
VCOMPLA
F14
VCOMPLB
J15
VCOMPLC
F17
VCOMPLD
H16
VCOMPLE
AF17
VCOMPLF
AD16
VCOMPLG
AF14
VCOMPLH
AB15
VPUMP
G24
896-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More