전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CS896I 데이터시트(PDF) 169 Page - Actel Corporation

부품명 AX2000-1CS896I
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896I 데이터시트(HTML) 169 Page - Actel Corporation

Back Button AX2000-1CS896I Datasheet HTML 165Page - Actel Corporation AX2000-1CS896I Datasheet HTML 166Page - Actel Corporation AX2000-1CS896I Datasheet HTML 167Page - Actel Corporation AX2000-1CS896I Datasheet HTML 168Page - Actel Corporation AX2000-1CS896I Datasheet HTML 169Page - Actel Corporation AX2000-1CS896I Datasheet HTML 170Page - Actel Corporation AX2000-1CS896I Datasheet HTML 171Page - Actel Corporation AX2000-1CS896I Datasheet HTML 172Page - Actel Corporation AX2000-1CS896I Datasheet HTML 173Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-63
IO293PB6F27
V2
IO294NB6F27
T8
IO294PB6F27
T9
IO296NB6F27
T1
IO296PB6F27
U1
IO298NB6F27
T7
IO298PB6F27
T6
IO299NB6F27
R2
IO299PB6F27
T2
Bank 7
IO300NB7F28
R8
IO300PB7F28
R9
IO302NB7F28
R4
IO302PB7F28
R5
IO303NB7F28
P1
IO303PB7F28
R1
IO304NB7F28
R7
IO304PB7F28
R6
IO306NB7F28
N2
IO306PB7F28
P2
IO307NB7F28
N3
IO307PB7F28
P3
IO308NB7F28
P9
IO308PB7F28
P8
IO309NB7F28
P4
IO309PB7F28
P5
IO310NB7F29
P7
IO310PB7F29
P6
IO311NB7F29
L1
IO311PB7F29
M1
IO312NB7F29
M5
IO312PB7F29
N5
IO313NB7F29
M4
IO313PB7F29
N4
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
IO315NB7F29
L2
IO315PB7F29
M2
IO316NB7F29
N7
IO316PB7F29
N6
IO317NB7F29
L3
IO317PB7F29
M3
IO318NB7F29
N8
IO318PB7F29
N9
IO320NB7F29
L6
IO320PB7F29
M6
IO321NB7F30
K4
IO321PB7F30
L4
IO322NB7F30
M8
IO322PB7F30
M7
IO323NB7F30
J1
IO323PB7F30
K1
IO324NB7F30
K5
IO324PB7F30
L5
IO326NB7F30
G1*
IO326PB7F30
K2*
IO327NB7F30
J4
IO327PB7F30
J3
IO328NB7F30
L8
IO328PB7F30
L7
IO329NB7F30
G2
IO329PB7F30
H2
IO330NB7F30
G3
IO330PB7F30
H3
IO331NB7F30
K8
IO331PB7F30
K7
IO332NB7F31
J6
IO332PB7F31
K6
IO333NB7F31
D1
IO333PB7F31
D2
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
IO334NB7F31
G4
IO334PB7F31
H4
IO335NB7F31
F2
IO335PB7F31
F1
IO336NB7F31
H5
IO336PB7F31
J5
IO337NB7F31
E2
IO337PB7F31
E1
IO338NB7F31
H7
IO338PB7F31
J7
IO339NB7F31
F4
IO339PB7F31
F3
IO340NB7F31
F5
IO340PB7F31
G5
IO341NB7F31
G6
IO341PB7F31
H6
Dedicated I/O
GND
A13
GND
A18
GND
A2
GND
A23
GND
A29
GND
A8
GND
AA10
GND
AA21
GND
AA28
GND
AA3
GND
AB2
GND
AB22
GND
AB29
GND
AB9
GND
AC1
GND
AC30
GND
AE25
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More