전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000-1CSG896M 데이터시트(PDF) 111 Page - Actel Corporation

부품명 AX2000-1CSG896M
상세설명  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896M 데이터시트(HTML) 111 Page - Actel Corporation

Back Button AX2000-1CSG896M Datasheet HTML 107Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 108Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 109Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 110Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 111Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 112Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 113Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 114Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 115Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-5
729-Pin PBGA
AX1000 Function
Pin Number
Bank 0
IO00NB0F0
E6
IO00PB0F0
F6
IO01NB0F0
G8
IO01PB0F0
G7
IO02NB0F0
D7
IO02PB0F0
E7
IO03NB0F0
D5
IO03PB0F0
E5
IO04NB0F0
G9
IO04PB0F0
H9
IO05NB0F0
E8
IO05PB0F0
F8
IO06NB0F0
C6
IO06PB0F0
D6
IO07NB0F0
B5
IO07PB0F0
C5
IO08NB0F0
A6
IO08PB0F0
A5
IO09NB0F0
E9
IO09PB0F0
F9
IO10NB0F0
G10
IO10PB0F0
H10
IO11NB0F0
B7
IO11PB0F0
B6
IO12NB0F1
C8
IO12PB0F1
C7
IO13NB0F1
E10
IO13PB0F1
F10
IO14NB0F1
G11
IO14PB0F1
H11
IO15NB0F1
D9
IO15PB0F1
D8
IO16NB0F1
A8
IO16PB0F1
A7
IO17NB0F1
B9
IO17PB0F1
B8
IO18NB0F1
C10
IO18PB0F1
C9
IO19NB0F1
E11
IO19PB0F1
F11
IO20NB0F1
G12
IO20PB0F1
H12
IO21NB0F1
D11
IO21PB0F1
D10
IO22NB0F2
A10
IO22PB0F2
A9
IO23NB0F2
B11
IO23PB0F2
B10
IO24NB0F2
G13
IO24PB0F2
H13
IO25NB0F2
C12
IO25PB0F2
C11
IO26NB0F2
E12
IO26PB0F2
D12
IO27NB0F2
E13
IO27PB0F2
F13
IO28NB0F2
G14
IO28PB0F2
H14
IO29NB0F2
A12
IO29PB0F2
B12
IO30NB0F2/HCLKAN
C13
IO30PB0F2/HCLKAP
D13
IO31NB0F2/HCLKBN
F14
IO31PB0F2/HCLKBP
E14
Bank 1
IO32NB1F3/HCLKCN
C14
IO32PB1F3/HCLKCP
B14
IO33NB1F3/HCLKDN
D16
IO33PB1F3/HCLKDP
D15
IO34NB1F3
B16
IO34PB1F3
A16
IO35NB1F3
E15
IO35PB1F3
F15
IO36NB1F3
H15
IO36PB1F3
G15
729-Pin PBGA
AX1000 Function
Pin Number
IO37NB1F3
C17
IO37PB1F3
C16
IO38NB1F3
B18
IO38PB1F3
B17
IO39NB1F3
A18
IO39PB1F3
A17
IO40NB1F3
H16
IO40PB1F3
G16
IO41NB1F4
B19
IO41PB1F4
A19
IO42NB1F4
C19
IO42PB1F4
C18
IO43NB1F4
D18
IO43PB1F4
D17
IO44NB1F4
H17
IO44PB1F4
G17
IO45NB1F4
F17
IO45PB1F4
E17
IO46NB1F4
B20
IO46PB1F4
A20
IO47NB1F4
C21
IO47PB1F4
C20
IO48NB1F4
H18
IO48PB1F4
G18
IO49NB1F4
F18
IO49PB1F4
E18
IO50NB1F4
D20
IO50PB1F4
D19
IO51NB1F4
A22
IO51PB1F4
A21
IO52NB1F4
B22
IO52PB1F4
B21
IO53NB1F4
F19
IO53PB1F4
E19
IO54NB1F5
F20
IO54PB1F5
E20
IO55NB1F5
E21
IO55PB1F5
D21
729-Pin PBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More